Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 10Page - Linear Technology LTC2972 Datasheet HTML 11Page - Linear Technology LTC2972 Datasheet HTML 12Page - Linear Technology LTC2972 Datasheet HTML 13Page - Linear Technology LTC2972 Datasheet HTML 14Page - Linear Technology LTC2972 Datasheet HTML 15Page - Linear Technology LTC2972 Datasheet HTML 16Page - Linear Technology LTC2972 Datasheet HTML 17Page - Linear Technology LTC2972 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 112 page
background image
LTC2972
14
2972fa
For more information www.linear.com/LTC2972
TYPICAL PERFORMANCE CHARACTERISTICS
TUE_IIN vs VIN_SNS
TUE_PIN vs VIN_SNS
TUE_ETB vs VIN_SNS
TUE_EIN vs VIN_SNS
READ_IIN Common Mode Gain
vs Frequency
VOUT_EN[0:1] and AUXFAULTB Output
High Voltage vs Load Current
READ_TEMPERATURE_2 Error
vs Temperature
TUE_VIN vs VIN_SNS
VPWR = 5.0V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
–0.25
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2972 G19
16 PARTS SOLDERED DOWN
25°C
105°C
–40°C
VIN_SNS (V)
4.5
6
7.5
9
10.5
12
13.5
15
–0.5
–0.4
–0.3
–0.2
–0.1
0.0
0.1
0.2
0.3
0.4
0.5
2972 G20
MFR_EIN_CONFIG_IIN_RANGE = MEDIUM
VIIN_SNS = 50mV
25°C
–40°C
105°C
VIN_SNS (V)
4.5
6
7.5
9
10.5
12
13.5
15
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
2972 G21
–40°C
25°C
105°C
VIN_SNS (V)
4.5
6
7.5
9
10.5
12
13.5
15
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
2972 G22
MFR_EIN_CONFIG_IIN_RANGE = MEDIUM
VIIN_SNS = 50mV
25°C
–40°C
105°C
VIN_SNS (V)
4.5
6
7.5
9
10.5
12
13.5
15
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
2972 G23
MFR_EIN_CONFIG_IIN_RANGE = MEDIUM
VIIN_SNS = 50mV
25°C
–40°C
105°C
VIN_SNS (V)
4.5
6
7.5
9
10.5
12
13.5
15
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2972 G24
MFR_EIN_CONFIG_IIN_RANGE = MEDIUM
VIIN_SNS = 50mV
FREQUENCY (kHz)
62.5
0
–70
–10
–80
–90
–100
–40
–50
–20
–30
–60
2972 G25
625
6250
105°C
25°C
–40°C
MFR_EIN_CONFIG_IIN_RANGE = MEDIUM
VIIN_SNS = 50mV
VVIN_SNS = 12V ±100mV
CURRENT SOURCING (µA)
0
5
6
14
12
13
11
10
9
2972 G26
3
4
1
2
7
–40°C
105°C
25°C
CURRENT SOURCING (µA)
0
8
10
1.4
1.0
1.2
0.8
0.6
0.4
0.2
0
2972 G27
4
6
2
12
–40°C
105°C
25°C
VOUT_EN[0:1] and AUXFAULTB
VOL vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com