Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 8Page - Linear Technology LTC2972 Datasheet HTML 9Page - Linear Technology LTC2972 Datasheet HTML 10Page - Linear Technology LTC2972 Datasheet HTML 11Page - Linear Technology LTC2972 Datasheet HTML 12Page - Linear Technology LTC2972 Datasheet HTML 13Page - Linear Technology LTC2972 Datasheet HTML 14Page - Linear Technology LTC2972 Datasheet HTML 15Page - Linear Technology LTC2972 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 112 page
background image
LTC2972
12
2972fa
For more information www.linear.com/LTC2972
ADC MFR_READ_IOUT ADC Total
Unadjusted Error vs Input Voltage
ADC MFR_READ_IOUT Noise
Histogram
ADC READ_VOUT ADC Total
Unadjusted Error vs Input Voltage
ADC READ_VOUT Noise
Histogram
ADC READ_IOUT Error
vs READ_IOUT
Reference Voltage vs
Temperature
ADC READ_VOUT ADC Total
Unadjusted Error vs Temperature
ADC READ_IOUT Input Referred
Offset Voltage vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
THREE TYPICAL PARTS
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
1.2230
1.2234
1.2238
1.2242
1.2246
1.2250
1.2254
1.2258
1.2262
1.2266
1.2270
2972 G01
THREE TYPICAL PARTS
VIN = 1.0V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
–0.25
–0.20
–0.15
–0.10
–0.05
0.00
0.05
0.10
0.15
0.20
0.25
2972 G02
THREE TYPICAL PARTS
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
–10
–8
–6
–4
–2
0
2
4
6
8
10
2972 G03
25°C
–40°C
105°C
VIN (V)
0
1
2
3
4
5
6
–0.25
–0.20
–0.15
–0.10
–0.05
0.00
0.05
0.10
0.15
0.20
0.25
2972 G04
122µV/LSB
1000 READINGS
VIN = 1.0V
HITS
READ_VOUT CODE ERROR (LSB)
–7 –6 –5 –4 –3 –2 –1 0
1
2
3
0
100
200
300
400
500
600
700
2972 G05
25°C
–40°C
105°C
VIN (mV)
–175 –125 –75 –25
25
75
125 175
–0.30
–0.20
–0.10
0.00
0.10
0.20
0.30
2972 G07
5.46µV/LSB
1000 READINGS
VIN = 20mV
IOUT_CAL_GAIN = 2.1875mΩ
HITS
MFR_READ_IOUT CODE ERROR (LSB)
–6 –5 –4 –3 –2 –1 0
1
2
3
4
0
50
100
150
200
250
300
350
400
2972 G08
FIVE TYPICAL PARTS
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
–2
–1
0
1
2
2972 G09
MFR_EIN_CONFIG_IIN_RANGE = MEDIUM
VIIN_SNS = 50mV
VVIN_SNS = 12V
0.001
0.01
10
100
1
0.1
READ_IOUT (A)
75
50
25
0
–25
–50
–75
2972 G06
IOUT_CAL_GAIN = 2.1875m
Power Measurement Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com