Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 77 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 77 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 73Page - Linear Technology LTC2972 Datasheet HTML 74Page - Linear Technology LTC2972 Datasheet HTML 75Page - Linear Technology LTC2972 Datasheet HTML 76Page - Linear Technology LTC2972 Datasheet HTML 77Page - Linear Technology LTC2972 Datasheet HTML 78Page - Linear Technology LTC2972 Datasheet HTML 79Page - Linear Technology LTC2972 Datasheet HTML 80Page - Linear Technology LTC2972 Datasheet HTML 81Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 112 page
background image
LTC2972
77
2972fa
For more information www.linear.com/LTC2972
READ_POUT
This command returns the most recent ADC measured value of the channel’s output power in watts.
MFR_READ_IOUT
This command returns the most recent ADC measured value of the channel’s output current, using a custom format
that provides better numeric representation granularity than the READ_IOUT command for currents whose absolute
value is between 2A and 82A.
MFR_READ_IOUT Data Contents
BIT(S) SYMBOL
OPERATION
b[15:0] Mfr_read_iout[15:0]
Channel output current expressed in custom format for improved resolution at high currents.
Value = Y • 2.5 where Y = b[15:0] is a signed two’s-complement number.
Example:
MFR_READ_IOUT = 5mA
For b[15:0] = 0x0002
Value = 2 • 2.5 = 5mA
The granularity of the returned value is always 2.5mA, and the return value is limited to ±81.92A. The READ_IOUT
command provides the best resolution for currents less than 2A and must be used for currents larger than 82A. Note
that the accuracy of the returned value is always limited by the ADC Characteristics listed in the Electrical Character-
istics section.
Table 3. Comparison of Granularity Due to Numeric Format
CURRENT RANGE
READ_IOUT
GRANULARITY
MFR_READ_IOUT
GRANULARITY
31.25mA ≤ IOUT < 62.5mA
61µA
2.5mA
62.5mA ≤ IOUT < 125mA
122µA
2.5mA
125mA ≤ IOUT < 250mA
244µA
2.5mA
250mA ≤ IOUT < 500mA
488µA
2.5mA
0.5A ≤ IOUT < 1A
977µA
2.5mA
1A ≤ IOUT < 2A
1.95mA
2.5mA
2A ≤ IOUT < 4A
3.9mA
2.5mA
4A ≤ IOUT < 8A
7.8mA
2.5mA
8A ≤ IOUT < 16A
15.6mA
2.5mA
16A ≤ IOUT < 32A
31.3mA
2.5mA
32A ≤ IOUT < 64A
62.5mA
2.5mA
64A ≤ IOUT < 82A
125mA
2.5mA
82A ≤ IOUT < 128A
125mA
Saturated
128A ≤ IOUT < 256A
250mA
Saturated
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com