Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 67 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 67 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 63Page - Linear Technology LTC2972 Datasheet HTML 64Page - Linear Technology LTC2972 Datasheet HTML 65Page - Linear Technology LTC2972 Datasheet HTML 66Page - Linear Technology LTC2972 Datasheet HTML 67Page - Linear Technology LTC2972 Datasheet HTML 68Page - Linear Technology LTC2972 Datasheet HTML 69Page - Linear Technology LTC2972 Datasheet HTML 70Page - Linear Technology LTC2972 Datasheet HTML 71Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 112 page
background image
LTC2972
67
2972fa
For more information www.linear.com/LTC2972
MFR_FAULTB0_PROPAGATE and MFR_FAULTB1_PROPAGATE
These manufacturer specific commands enable channels that have faulted off to propagate that state to the appropri-
ate fault pin. MFR_FAULTB0_PROPAGATE allows any channel’s faulted off state to propagate to the FAULTB0 pin.
MFR_FAULTB1_PROPAGATE allows any channel’s faulted off state to propagate to the FAULTB1 pin.
Note that pulling a fault pin low will have no effect for channels that have MFR_FAULTBn_RESPONSE set to 0. The
channel continues operation without interruption. This fault response is called Ignore (0x0) in LTpowerPlay.
MFR_FAULT0_PROPAGATE Data Contents
BIT(S) SYMBOL
OPERATION
b[7:1] Reserved
Don’t care. Always returns 0.
b[0]
Mfr_faultb0_propagate Enable fault propagation.
0: Channel’s faulted off state does not assert FAULTB0 low.
1 :Channel’s faulted off state asserts FAULTB0 low.
MFR_FAULT1_PROPAGATE Data Contents
BIT(S) SYMBOL
OPERATION
b[7:1] Reserved
Don’t care. Always returns 0.
b[0]
Mfr_faultb1_propagate Enable fault propagation.
0: Channel’s faulted off state does not assert FAULTB1 low.
1: Channel’s faulted off state asserts FAULTB1 low.
MFR_FAULTB0_RESPONSE and MFR_FAULTB1_RESPONSE
These manufacturer specific commands share the same format and specify the response to assertions of the FAULTB
pins. MFR_FAULTB0_RESPONSE determines which channels shut off when the FAULTB0 pin is asserted low and
MFR_FAULTB1_RESPONSE determines which channels shut off when the FAULTB1 pin is asserted low. When a
channel shuts off in response to a FAULTBn pin, the ALERTB pin is asserted low and the appropriate bit is set in the
STATUS_MFR_SPECIFIC register. For a graphical explanation, see the switches on the left hand side of Figure 31:
Channel Fault Management Block Diagram.
Faults will not propagate for channels that have MFR_FAULTBn_RESPONSE set to 0: The channel continues operation
without interruption. Note that this fault response is called No Action in LTpowerPlay.
SHARED EXTERNAL FAULTS
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED FORMAT UNITS EEPROM
DEFAULT
VALUE
REF
PAGE
MFR_FAULTB0_PROPAGATE
0xD2
Configuration that determines if a channels
faulted off state is propagated to the
FAULTB0 pin.
R/W Byte
Y
Reg
Y
0x00
67
MFR_FAULTB1_PROPAGATE
0xD3
Configuration that determines if a channels
faulted off state is propagated to the
FAULTB1 pin.
R/W Byte
Y
Reg
Y
0x00
67
MFR_FAULTB0_RESPONSE
0xD5
Action to be taken by the device when the
FAULTB0 pin is asserted low.
R/W Byte
N
Reg
Y
0x00
67
MFR_FAULTB1_RESPONSE
0xD6
Action to be taken by the device when the
FAULTB1 pin is asserted low.
R/W Byte
N
Reg
Y
0x00
67
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com