Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 100 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 100 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 96Page - Linear Technology LTC2972 Datasheet HTML 97Page - Linear Technology LTC2972 Datasheet HTML 98Page - Linear Technology LTC2972 Datasheet HTML 99Page - Linear Technology LTC2972 Datasheet HTML 100Page - Linear Technology LTC2972 Datasheet HTML 101Page - Linear Technology LTC2972 Datasheet HTML 102Page - Linear Technology LTC2972 Datasheet HTML 103Page - Linear Technology LTC2972 Datasheet HTML 104Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 112 page
background image
LTC2972
100
2972fa
For more information www.linear.com/LTC2972
APPLICATIONS INFORMATION
Measuring Output with a Sense Resistor
A circuit for measuring current with a sense resistor is
shown in Figure 36. The balanced filter rejects both com-
mon mode and differential mode noise from the output of
the DC/DC converter. The filter is placed directly across the
sense resistor in series with the DC/DC converter’s induc-
tor. Note that the current sense inputs must be limited to
less than 6V with respect to ground. Select RCM and CCM
such that the filter’s corner frequency is < 1/10 the DC/
DC converter’s switching frequency. This will result in a
current sense waveform that offers a good compromise
between the voltage ripple and the delay through the filter.
A value 1kΩ for RCMissuggestedinordertominimizegain
errors due to the current sense inputs’ internal resistance.
Measuring Output with Inductor DCR
Figure 37 shows the circuit for applications that require
DCR current sense. A second order R-C filter is required
in these applications in order to minimize the ripple volt-
age seen at the current sense inputs. A value of 1kΩ
is suggested for RCM1 and RCM2 in order to minimize
gain errors due the current sense inputs’ internal resis-
tance. CCM1 should be selected to provide cancellation
of the zero created by the DCR and inductance, i.e.
CCM1=L/(DCR •RCM1).CCM2shouldbeselectedtoprovide
a second stage corner frequency at < 1/10 of the DC/DC
converter’sswitchingfrequency.Inaddition,CCM2needsto
be much smaller than CCM1 in order to prevent significant
loading of the filter’s first stage.
Single Phase Design Example
As a design example for a DCR current sense application,
assume L = 2.2μH, DCR = 10mΩ, and FSW = 500kHz.
Let RCM1 = 1kΩ and solve for CCM1:
CCM1 ≥
2.2µH
10mΩ• 1kΩ
= 220nF
Let RCM2 = 1kΩ. In order to get a second pole at
FSW/10 = 50kHz:
CCM2 ≅
1
2π • 50kHz • 1kΩ
= 3.18nF
Figure 35. Application Circuit for DC/DC Converters with Trim Pin
Figure 36. Sense Resistor Current Sensing Circuits
Figure 37. DCR Current Sensing Circuits
VPWR
VDD33
VDD33
VDD25
VIN_SNS
VDAC0
VSENSEP0
VSENSEM0
VOUT_EN0
LTC2972*
0.1µF
0.1µF
4.5V < VIBUS < 15V
GND
* SOME DETAILS OMITTED FOR CLARITY
ONLY ONE OF TWO CHANNELS AND NO
INPUT CURRENT SENSE SHOWN
VIN
VO+
R30
2972 F35
ON/OFFB
VSENSE–
VSENSE+
TRIM
VO–
DC/DC
CONVERTER
LOAD
RCM
RCM
RSNS
2972 F36
L
LOAD CURRENT
CCM
CCM
LTC2972
ISENSEP
ISENSEM
2972 F37
RCM2
RCM2
RCM1
RCM1
DCR
L
CCM2
CCM2
LTC2972
ISENSEP
ISENSEM
CCM1
CCM1
SWX0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com