Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 103 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 103 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 99Page - Linear Technology LTC2972 Datasheet HTML 100Page - Linear Technology LTC2972 Datasheet HTML 101Page - Linear Technology LTC2972 Datasheet HTML 102Page - Linear Technology LTC2972 Datasheet HTML 103Page - Linear Technology LTC2972 Datasheet HTML 104Page - Linear Technology LTC2972 Datasheet HTML 105Page - Linear Technology LTC2972 Datasheet HTML 106Page - Linear Technology LTC2972 Datasheet HTML 107Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 112 page
background image
LTC2972
103
2972fa
For more information www.linear.com/LTC2972
APPLICATIONS INFORMATION
Connecting the DC1613 USB to I2C/SMBus/PMBus
Controller to the LTC2972 in System
The DC1613 USB to I2C/SMBus/PMBus Controller can
be interfaced to the LTC2972s on the user’s board for
programming, telemetry and system debug. The control-
ler, when used in conjunction with LTpowerPlay software,
provides a powerful way to debug an entire power system.
Failuresarequicklydiagnosedusingtelemetry,faultstatus
registers and the fault log. The final configuration can be
quickly developed and stored to the LTC2972’s EEPROM.
Figure 42 and Figure 43 illustrate application schematics
for powering, programming and communicating with
one or more LTC2972’s via the ADI I2C/SMBus/PMBus
controller regardless of whether or not system power
is present.
Figure42showstherecommendedschematictousewhen
the LTC2972 is powered by the system intermediate bus
through its VPWR pin.
Figure43showstherecommendedschematictousewhen
the LTC2972 is powered by the system 3.3V through its
VDD33 and VPWR pins. The LTC4412 ideal OR’ing circuit
allowseitherthecontrollerorsystemtopowertheLTC2972.
Becauseofthecontroller’slimitedcurrentsourcingcapabil-
ity, only the LTC2972s, their associated pull-up resistors
and the I2C/SMBus pull-up resistors should be powered
from the ORed 3.3V supply. In addition, any device sharing
I2C/SMBus bus connections with the LTC2972 should not
have body diodes between the SDA/SCL pins and its VDD
node because this will interfere with bus communication
in the absence of system power.
The ADI controller’s I2C/SMBus connections are opto-
isolated from the PC’s USB. The 3.3V from the controller
and the LTC2972’s VDD33 pin can be paralleled because
the ADI LDOs that generate these voltages can be back
driven and draw <10μA. The controller’s 3.3V current
limit is 100mA.
Figure 42. ADI Controller Connections When VPWR Is Used
2972 F42
VPWR
VDD33
LTC2972*
WP GND
*PIN CONNECTIONS
OMITTED FOR CLARITY
REPEAT OUTLINED CIRCUIT FOR EVERY LTC2972
TO/FROM OTHER LTC
POWER SYSTEM MANAGERS
0.1µF
5.49k
10k
10k
VDD33
0.1µF
VDD25
0.1µF
49.9k
150k
SCL
SDA
SHARE_CLK
TO LTC USB TO
I2C/SMBUS/PMBUS
CONTROLLER
ISOLATED 3.3V
NTS4173P
4.5V TO 15V
SCL
GND
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com