Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 101 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 101 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 97Page - Linear Technology LTC2972 Datasheet HTML 98Page - Linear Technology LTC2972 Datasheet HTML 99Page - Linear Technology LTC2972 Datasheet HTML 100Page - Linear Technology LTC2972 Datasheet HTML 101Page - Linear Technology LTC2972 Datasheet HTML 102Page - Linear Technology LTC2972 Datasheet HTML 103Page - Linear Technology LTC2972 Datasheet HTML 104Page - Linear Technology LTC2972 Datasheet HTML 105Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 112 page
background image
LTC2972
101
2972fa
For more information www.linear.com/LTC2972
APPLICATIONS INFORMATION
Let CCM2 = 3.3nF. Note that since CCM2 is much less than
CCM1 the loading effects of the second stage filter on the
matched first stage are not significant. Consequently, the
delay time constant through the filter for the current sense
waveform will be approximately 3μs.
Measuring Multiphase Currents
For current sense applications with more than one phase,
R-C averaging may be employed. Figure 38 shows an
example of this approach for a 3-phase system with DCR
current sensing. The current sense waveforms are aver-
aged together prior to being applied to the second stage of
the filter consisting of RCM2 and CCM2. Because the RCM1
resistors for the three phases are in parallel, the value of
RCM1 must be multiplied by the number of phases. Also
note that since the DCRs are effectively in parallel, the
value for IOUT_CAL_GAIN will be equal to the inductor’s
DCR divided by the number of phases. Care should be
taken in the layout of the multiphase inductors to keep the
PCB trace resistance from the DC side of each inductor to
the summing node balanced in order to provide the most
accurate results.
Measuring Output Current in Buffered IMON
Telemetry Mode
The LTC2972 can interface to power supplies that out-
put a signal proportional to their internally measured
output current by setting Mfr_config_imon = 1. This
mode increases the ISENSE input range from ±170mV
to –0.1V to 6V. Regulators whose IMON pin outputs
a current proportional to the average load current will
require a resistor to convert this current to a voltage
for digitizing by the LTC2972 ADC. The finite input
impedance of ISENSE input of the LTC2972 may affect
the absolute accuracy of the load current measurement.
Figure39 shows the LTC2972 connecting to the IMON
pin of the LT®3086 LDO regulator.
LT3086 IMON Design Example
The LT3086 will output a current equal to IIMON =
IOUT/1000. If the desired VIMON is 1.0V for a total output
current of IOUT = 2.0A then RIMON = VIMON/IIMON = 500Ω
and IOUT_CAL_GAIN should be programmed to 500mΩ.
Figure 38. Multiphase DCR Current Sensing Circuits
LTC2972
ISENSEP
ISENSEM
2972 F38
CCM2
CCM2
RCM2
CCM2
CCM1
RCM2
RCM1
RCM1
RCM1
RCM1/3
DCR
DCR
L
L
DCR
L
SWX2
SWX3
TO LOAD
SWX1
2972 F39
IN
SHDN
IMON
OUT
SET
GND
LT3086
VIN
VIMON
VOUT
RSET
RIMON
IMON =
IOUT
1000
VIMON =IMON •RIMON
IOUT_CAL_GAIN = RIMON
1000
ISENSEP
LTC2972
ISENSEM
MFR_CONFIG_IMON_SEL = 1
C1
Figure 39. IMON Current Sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com