Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 72 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 72 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 68Page - Linear Technology LTC2972 Datasheet HTML 69Page - Linear Technology LTC2972 Datasheet HTML 70Page - Linear Technology LTC2972 Datasheet HTML 71Page - Linear Technology LTC2972 Datasheet HTML 72Page - Linear Technology LTC2972 Datasheet HTML 73Page - Linear Technology LTC2972 Datasheet HTML 74Page - Linear Technology LTC2972 Datasheet HTML 75Page - Linear Technology LTC2972 Datasheet HTML 76Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 112 page
background image
LTC2972
72
2972fa
For more information www.linear.com/LTC2972
STATUS_MFR_SPECIFIC
The STATUS_MFR_SPECIFIC command returns manufacturer specific status flags. Bits marked CHANNEL = All are
not paged. Bits marked STICKY = Yes stay set until a CLEAR_FAULTS is issued or the channel is commanded on by
the user. Bits marked ALERT = Yes pull ALERTB low when the bit is set. Bits marked OFF = Yes indicate that the event
can be configured elsewhere to turn the channel off.
STATUS_MFR_SPECIFIC Data Contents
BIT(S) SYMBOL
OPERATION
CHANNEL
STICKY
ALERT OFF
b[7] Status_mfr_discharge
1 = A VOUT discharge fault occurred while attempting to enter
the ON state.
0 = No VOUT discharge fault has occurred.
Current Page
Yes
Yes
Yes
b[6] Status_mfr_fault1_in
This channel attempted to turn on while the FAULTB1 pin was
asserted low, or this channel has shut down at least once
in response to a FAULTB1 pin asserting low since the last
CONTROL pin toggle, OPERATION command ON/OFF cycle or
CLEAR_FAULTS command.
Current Page
Yes
Yes
Yes
b[5] Status_mfr_fault0_in
This channel attempted to turn on while the FAULTB0 pin was
asserted low, or this channel has shut down at least once
in response to a FAULTB0 pin asserting low since the last
CONTROL pin toggle, OPERATION command ON/OFF cycle or
CLEAR_FAULTS command.
Current Page
Yes
Yes
Yes
b[4] Status_mfr_servo_target_reached Servo target has been reached.
Current Page
No
No
No
b[3] Status_mfr_dac_connected
DAC is connected and driving VDAC pin.
Current Page
No
No
No
b[2] Status_mfr_dac_saturated
A previous servo operation terminated with maximum or
minimum DAC value.
Current Page
Yes
No
No
b[1] Status_mfr_auxfaultb_faulted_off AUXFAULTB has been de-asserted due to a VOUT or IOUT fault.
All
No
No
No
b[0] Status_mfr_watchdog_fault
1 = A watchdog fault has occurred.
0 = No watchdog fault has occurred.
All
Yes
Yes
No
MFR_PADS
TheMFR_PADScommandprovidesread-onlyaccessofdigitalpads(pins).Theinputvaluesarebeforeanydeglitchinglogic.
MFR_PADS Data Contents
BIT(S) SYMBOL
OPERATION
b[15]
Mfr_pads_pwrgd_drive
0 = PWRGD pad is being driven low by this chip.
1 = PWRGD pad is not being driven low by this chip.
b[14]
Mfr_pads_alertb_drive
0 = ALERTB pad is being driven low by this chip.
1 = ALERTB pad is not being driven low by this chip.
b[13:12] Mfr_pads_faultb_drive[1:0]
bit[1] used for FAULTB0 pad, bit[0] used for FAULTB1 pad as follows:
0 = FAULTB pad is being driven low by this chip.
1 = FAULTB pad is not being driven low by this chip.
b[11:10] Mfr_pads_pg_drive[1:0]
bit[1] used for PG1 pad, bit[0] used for PG0 pad as follows:
0 = PGn pad is being driven low by this chip
1 = PGn pad is not being driven low by this chip
b[9:8] Mfr_pads_asel1[1:0]
11: Logic high detected on ASEL1 input pad.
10: ASEL1 input pad is floating.
01: Reserved.
00: Logic low detected on ASEL1 input pad.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com