Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 79 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 79 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 75Page - Linear Technology LTC2972 Datasheet HTML 76Page - Linear Technology LTC2972 Datasheet HTML 77Page - Linear Technology LTC2972 Datasheet HTML 78Page - Linear Technology LTC2972 Datasheet HTML 79Page - Linear Technology LTC2972 Datasheet HTML 80Page - Linear Technology LTC2972 Datasheet HTML 81Page - Linear Technology LTC2972 Datasheet HTML 82Page - Linear Technology LTC2972 Datasheet HTML 83Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 112 page
background image
LTC2972
79
2972fa
For more information www.linear.com/LTC2972
Fault Log Operation
A conceptual diagram of the fault log is shown in Figure 21. The fault log provides black box capability for the LTC2972.
During normal operation the contents of the status registers, the output voltage/current/temperature readings, the
input voltage readings, as well as peak and min values of these quantities, are stored in a continuously updated buffer
in RAM. You can think of the operation as being similar to a strip chart recorder. When a fault occurs, the contents are
written into EEPROM for non volatile storage. The EEPROM fault log is then locked. The part can be powered down
with the fault log available for reading at a later time.
Figure 21. Fault Logging
MFR_IOUT_MIN
This command returns the minimum ADC measured value of the channel’s output current. This register is reset to
0x7BFF (approximately 225) when the LTC2972 emerges from power-on reset, when a CLEAR_FAULTS command is
executed to the page, or the channel goes through an off-to-on transition.
MFR_TEMPERATURE_1_MIN
This command returns the minimum measured value of the external diode temperature in °C. This register is reset to
0x7BFF (approximately 225) when the LTC2972 emerges from power-on reset, when a CLEAR_FAULTS command is
executed to the page, or the channel goes through an off-to-on transition.
FAULT LOGGING
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED FORMAT UNITS EEPROM
DEFAULT
VALUE
REF
PAGE
MFR_FAULT_LOG_STORE
0xEA Command a transfer of the fault log from RAM to
EEPROM.
Send Byte
N
NA
80
MFR_FAULT_LOG_RESTORE 0xEB Command a transfer of the fault log previously
stored in EEPROM back to RAM.
Send Byte
N
NA
80
MFR_FAULT_LOG_CLEAR
0xEC Initialize the EEPROM block reserved for fault
logging and clear any previous fault logging locks.
Send Byte
N
NA
80
MFR_FAULT_LOG_STATUS
0xED Fault logging status.
R Byte
N
Reg
Y
NA
80
MFR_FAULT_LOG
0xEE Fault log data bytes. This sequentially retrieved
data is used to assemble a complete fault log.
R Block
N
Reg
Y
NA
80
PMBus COMMAND DESCRIPTION
•
•
•
TIME OF FAULT
TRANSFER TO EEPROM
AND LOCK
ADC READINGS
CONTINUOUSLY
FILL BUFFER
EEPROM
255 BYTES
2972 F21
RAM
255 BYTES
AFTER FAULT
READ FROM EEPROM
AND LOCK BUFFER
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com