Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 85 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 85 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 81Page - Linear Technology LTC2972 Datasheet HTML 82Page - Linear Technology LTC2972 Datasheet HTML 83Page - Linear Technology LTC2972 Datasheet HTML 84Page - Linear Technology LTC2972 Datasheet HTML 85Page - Linear Technology LTC2972 Datasheet HTML 86Page - Linear Technology LTC2972 Datasheet HTML 87Page - Linear Technology LTC2972 Datasheet HTML 88Page - Linear Technology LTC2972 Datasheet HTML 89Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 112 page
background image
LTC2972
85
2972fa
For more information www.linear.com/LTC2972
CYCLICAL MUX LOOP DATA
BYTE
NUMBER
DECIMAL
BYTE
NUMBER
HEX
LOOP
BYTE
NUMBER
DECIMAL
DATA LOOP 2
36 BYTES PER
LOOP
110
6E
21
Read_pin[7:0]
111
6F
20
Read_in[15:8]
112
70
19
Read_in[7:0]
113
71
18
0x0
114
72
17
Status_input[7:0]
115
73
16
Read_vin[15:8]
116
74
15
Read_vin[7:0]
117
75
14
Read_pout0[15:8]
118
76
13
Read_pout0[7:0]
119
77
12
Read_iout0[15:8]
120
78
11
Read_iout0[7:0]
121
79
10
Status_iout0[7:0]
122
7A
9
Status_
temperature0[7:0]
123
7B
8
Read_
temperature_1_0[15:8]
124
7C
7
Read_
temperature_1_0[7:0]
125
7D
6
Mfr_status_2_0[7:0]
126
7E
5
Status_mfr_
specific0[7:0]
127
7F
4
Status_vout0[7:0]
128
80
3
Read_vout0[15:8]
129
81
2
Read_vout0[7:0]
130
82
1
Read_
temperature_2[15:8]
131
83
0
Read_
temperature_2[7:0]
CYCLICAL MUX LOOP DATA
BYTE
NUMBER
DECIMAL
BYTE
NUMBER
HEX
LOOP
BYTE
NUMBER
DECIMAL
DATA LOOP 3
36 BYTES PER
LOOP
133
85
35
Read_pout1[15:8]
134
86
34
Read_pout1[7:0]
135
87
33
Read_iout1[15:8]
136
88
32
Read_iout1[7:0]
137
89
31
Status_iout1[7:0]
138
8A
30
Status_
temperature2[7:0]
CYCLICAL MUX LOOP DATA
BYTE
NUMBER
DECIMAL
BYTE
NUMBER
HEX
LOOP
BYTE
NUMBER
DECIMAL
DATA LOOP 3
36 BYTES PER
LOOP
139
8B
29
Read_
temperature_1_1[15:8]
140
8C
28
Read_
temperature_1_1[7:0]
141
8D
27
Mfr_status_2_1[7:0]
142
8E
26
Status_mfr_
specific1[7:0]
143
8F
25
Status_vout1[7:0]
144
90
24
Read_vout1[15:8]
145
91
23
Read_vout1[7:0]
146
92
22
Read_pin[15:8]
147
93
21
Read_pin[7:0]
148
94
20
Read_in[15:8]
149
95
19
Read_in[7:0]
150
96
18
0x0
151
97
17
Status_input[7:0]
152
98
16
Read_vin[15:8]
153
99
15
Read_vin[7:0]
154
9A
14
Read_pout0[15:8]
155
9B
13
Read_pout0[7:0]
156
9C
12
Read_iout0[15:8]
157
9D
11
Read_iout0[7:0]
158
9E
10
Status_iout0[7:0]
159
9F
9
Status_
temperature0[7:0]
160
A0
8
Read_
temperature_1_0[15:8]
161
A1
7
Read_
temperature_1_0[7:0]
162
A2
6
Mfr_status_2_0[7:0]
163
A3
5
Status_mfr_
specific0[7:0]
164
A4
4
Status_vout0[7:0]
165
A5
3
Read_vout0[15:8]
166
A6
2
Read_vout0[7:0]
167
A7
1
Read_
temperature_2[15:8]
168
A8
0
Read_
temperature_2[7:0]
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com