Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 80 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 80 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 76Page - Linear Technology LTC2972 Datasheet HTML 77Page - Linear Technology LTC2972 Datasheet HTML 78Page - Linear Technology LTC2972 Datasheet HTML 79Page - Linear Technology LTC2972 Datasheet HTML 80Page - Linear Technology LTC2972 Datasheet HTML 81Page - Linear Technology LTC2972 Datasheet HTML 82Page - Linear Technology LTC2972 Datasheet HTML 83Page - Linear Technology LTC2972 Datasheet HTML 84Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 112 page
background image
LTC2972
80
2972fa
For more information www.linear.com/LTC2972
MFR_FAULT_LOG_STORE
This command allows the user to transfer data from the RAM buffer to EEPROM.
MFR_FAULT_LOG_RESTORE
This command allows the user to transfer a copy of the fault-log data from the EEPROM to the RAM buffer. After a
restore the RAM buffer is locked until a successful Mfr_fault_log read.
MFR_FAULT_LOG_CLEAR
This command initializes the EEPROM block reserved for fault logging. Any previous fault log stored in EEPROM will
be erased by this operation and logging of the fault log RAM to EEPROM will be enabled. Make sure that Mfr_fault_
log_status_ram = 0 before issuing the MFR_FAULT_LOG_CLEAR command.
MFR_FAULT_LOG_STATUS
This register is used to manage fault log events. The Mfr_fault_log_status_eeprom bit is set after a MFR_FAULT_LOG_
STORE command or a faulted-off event triggers a transfer of the fault log from RAM to EEPROM. This bit is cleared
by a MFR_FAULT_LOG_CLEAR command.
Mfr_fault_log_status_ram is set after a MFR_FAULT_ LOG_RESTORE to indicate that the data in the RAM has been
restored from EEPROM and not yet read using a MFR_FAULT_LOG command. This bit is cleared only by a successful
execution of an MFR_FAULT_LOG command.
MFR_FAULT_LOG_STATUS Data Contents
BIT(S) SYMBOL
OPERATION
b[7:2] Reserved
Read only, always returns 0s.
b[1] Mfr_fault_log_status_ram
Fault log RAM status:
0: The fault log RAM allows updates.
1: The fault log RAM is locked until the next Mfr_fault_log read.
b[0] Mfr_fault_log_status_eeprom Fault log EEPROM status:
0: The transfer of the fault log RAM to the EEPROM is enabled.
1: The transfer of the fault log RAM to the EEPROM is inhibited.
MFR_FAULT_LOG
Read only. This 2040-bit (255-byte) data block contains a copy of the RAM buffer fault log. The RAM buffer is continu-
ously updated after each ADC conversion as long as Mfr_fault_log_status_eeprom is clear.
With Mfr_config_fault_log_enable = 1 and Mfr_fault_log_status_eeprom = 0, the RAM buffer is transferred to EEPROM
whenever an LTC2972 fault causes a channel to latch off or a MFR_FAULT_LOG_STORE command is received. This
transfer is delayed until the ADC has updated its READ values for both channels when Mfr_config_all_fast_fault_log
is clear, otherwise it happens within 24ms. This optional delay can be used to ensure that the slower ADC monitored
values are all updated for the case where a fast supervisor detected fault initiates the transfer to EEPROM.
Mfr_fault_log_status_eeprom is set high after the RAM buffer is transferred to EEPROM and not cleared until a
Mfr_fault_log_clear is received, even if the LTC2972 is reset or powered down. Fault log EEPROM transfers are not
initiated as a result of Status_mfr_discharge events.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com