Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 58 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 58 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 54Page - Linear Technology LTC2972 Datasheet HTML 55Page - Linear Technology LTC2972 Datasheet HTML 56Page - Linear Technology LTC2972 Datasheet HTML 57Page - Linear Technology LTC2972 Datasheet HTML 58Page - Linear Technology LTC2972 Datasheet HTML 59Page - Linear Technology LTC2972 Datasheet HTML 60Page - Linear Technology LTC2972 Datasheet HTML 61Page - Linear Technology LTC2972 Datasheet HTML 62Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 112 page
background image
LTC2972
58
2972fa
For more information www.linear.com/LTC2972
MFR_IOUT_CAL_GAIN_TAU_INV Data Content
Bit(s) Symbol
Operation
b[15:0] Mfr_iout_cal_gain_tau_inv
Values ≤ 0 set MFR_T_SELF_HEAT to zero.
Values ≥ 1 set MFR_T_SELF_HEAT to MFR_IOUT_CAL_GAIN_THETA • READ_IOUT • (VISENSEP – VISENSEM).
TON_DELAY, TON_RISE, TON_MAX_FAULT_LIMIT and TOFF_DELAY
These commands share the same format and provide sequencing and timer fault and warning delays in ms.
TON_DELAY sets the amount of time in milliseconds that a channel waits following the start of an ON sequence before
its VOUT_EN pin enables a DC/DC converter. This delay is counted using SHARE_CLK only.
TON_RISE sets the amount of time in ms that elapses after the power supply has been enabled until the LTC2972’s
DAC soft connects and servos the output voltage to the desired level if Mfr_dac_mode = 00b. This delay is counted
using SHARE_CLK only.
TON_MAX_FAULT_LIMIT is the maximum amount of time that the power supply being controlled by the LTC2972 can
attempt to power up the output without reaching the VOUT_UV_FAULT_LIMIT. If it does not, then a TON_MAX_FAULT
is declared. If the output reaches VOUT_UV_FAULT_LIMIT prior to TON_MAX_FAULT_LIMIT, the LTC2972 unmasks
the VOUT_UV_FAULT_LIMIT threshold. (Note that a value of zero means there is no limit to how long the power supply
can attempt to bring up its output voltage.) This delay is counted using SHARE_CLK only.
TOFF_DELAY is the amount of time that elapses after the CONTROL pin and/or OPERATION command is de-asserted
until the channel is disabled (soft-off). This delay is counted using SHARE_CLK if available, otherwise the internal
oscillator is used.
TON_DELAY and TOFF_DELAY are internally limited to 13.1 seconds, and rounded to the nearest 10µs when smaller
than 655ms, or rounded to the nearest 200µs when larger than 655ms. TON_RISE and TON_MAX_FAULT_LIMIT are
internally limited to 655ms, and rounded to the nearest 10µs. The read value of these commands always returns what
was last written and does not reflect internal limiting.
SEQUENCING TIMING LIMITS AND CLOCK SHARING
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED FORMAT UNITS EEPROM
DEFAULT
VALUE
REF
PAGE
TON_DELAY
0x60 Time from CONTROL pin and/or OPERATION
command = ON to VOUT_ENn pin = ON.
R/W Word
Y
L11
ms
Y
1.0
0xBA00
58
TON_RISE
0x61 Time from when the VOUT_ENn pin goes high until the
LTC2972 optionally soft-connects its DAC and begins
to servo the output voltage to the desired value.
R/W Word
Y
L11
ms
Y
10.0
0xD280
58
TON_MAX_FAULT_LIMIT 0x62 Maximum time from VOUT_ENn pin on assertion that
an UV condition will be tolerated before a TON_MAX_
FAULT condition results.
R/W Word
Y
L11
ms
Y
15.0
0xD3C0
58
TOFF_DELAY
0x64 Time from CONTROL pin and/or OPERATION
command = OFF to VOUT_ENn pin = OFF.
R/W Word
Y
L11
ms
Y
1.0
0xBA00
58
MFR_RESTART_DELAY
0xDC Delay from actual CONTROL active edge to virtual
CONTROL active edge.
R/W Word
N
L11
ms
Y
400
0xFB20
59
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com