Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 98 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 98 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 94Page - Linear Technology LTC2972 Datasheet HTML 95Page - Linear Technology LTC2972 Datasheet HTML 96Page - Linear Technology LTC2972 Datasheet HTML 97Page - Linear Technology LTC2972 Datasheet HTML 98Page - Linear Technology LTC2972 Datasheet HTML 99Page - Linear Technology LTC2972 Datasheet HTML 100Page - Linear Technology LTC2972 Datasheet HTML 101Page - Linear Technology LTC2972 Datasheet HTML 102Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 112 page
background image
LTC2972
98
2972fa
For more information www.linear.com/LTC2972
APPLICATIONS INFORMATION
Figure 33. Aborted On-Sequence Due to Channel 1 Short
Figure 34. Application Circuit for DC/DC Converters with External Feedback Resistors
VCONTROL
VOUT0
TON_DELAY0
VOUT1
VOUT2
VOUTn
BUSSED
VFAULTBn PINS
TON_MAX_FAULT1
2972 F33
TON_DELAY1
TON_DELAY2
TON_DELAYn
•
•
•
•
•
•
APPLICATION CIRCUITS
Trimming and Margining DC/DC Converters with
External Feedback Resistors
Figure 34 shows a typical application circuit for trimming/
margining a power supply with an external feedback
network. The VSENSEP0 and VSENSEM0 differential inputs
sense the load voltage directly, and a correction voltage
is developed on the VDAC0 pin by the closed-loop servo
algorithm. The VDAC0 output is connected to the DC/DC
converter’s feedback node through resistor R30. For this
configuration, set Mfr_config_dac_pol to 0.
Four-Step Resistor Selection Procedure for DC/DC
Converters with External Feedback Resistors
The following four-step procedure should be used to
calculate the resistor values required for the application
circuit shown in Figure 34.
1. Assume values for feedback resistor R20 and the
nominal DC/DC converter output voltage VDC(NOM),
and solve for R10.
VDC(NOM) is the output voltage of the DC/DC converter
when the LTC2972’s VDAC0 pin is in a high impedance
state. R10 is a function of R20, VDC(NOM), the voltage
at the feedback node (VFB) when the loop is in regula-
tion, and the feedback node’s input current (IFB).
VIN
R20
R10
R30
LOAD
VOUT
VFB
VIN
RUN
DC/DC
CONVERTER
VSENSEM
VDAC
VOUT_EN
VPWR
FAULT
SDA
SCL
ALERTB
CONTROL
PMBus
INTERFACE
VSENSEP
16-BIT
ADC
CONTROL
LOGIC
EEPROM
10-BIT
DAC
LTC2972
OV/UV
SUPERVISOR
2972 F34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com