Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 102 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 102 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 98Page - Linear Technology LTC2972 Datasheet HTML 99Page - Linear Technology LTC2972 Datasheet HTML 100Page - Linear Technology LTC2972 Datasheet HTML 101Page - Linear Technology LTC2972 Datasheet HTML 102Page - Linear Technology LTC2972 Datasheet HTML 103Page - Linear Technology LTC2972 Datasheet HTML 104Page - Linear Technology LTC2972 Datasheet HTML 105Page - Linear Technology LTC2972 Datasheet HTML 106Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 112 page
background image
LTC2972
102
2972fa
For more information www.linear.com/LTC2972
Figure 40. Anti-Aliasing Filter on VSENSE Lines
APPLICATIONS INFORMATION
Multiphase Design Example
Using the same values for inductance and DCR from
the previous design example, the value for RCM1 will be
3kΩ for a three phase DC/DC converter if CCM1 is left at
220nF. Similarly, the value for IOUT_CAL_GAIN will be
DCR/3 = 3.33mΩ.
Anti-Aliasing Filter Considerations
Noisy environments require an anti-aliasing filter on
the input to the LTC2972’s ADC. The R-C circuit shown
in Figure 40 is adequate for most situations. Keep
R40 = R50 ≤ 200Ω to minimize ADC gain errors, and select
a value for capacitors C10 and C20 that doesn’t add too
much additional response time to the OV/UV supervisor,
e.g. τ = 10μs (R = 100Ω, C = 0.10μF).
Sensing Negative Voltages
Figure 41 shows the LTC2972 sensing a negative power
supply (VEE). The R1/R2 resistor divider translates the
negative supply voltage to the LTC2972’s VSENSEM1 input
while the VSENSEP1 input is tied to the REFP pin which
has a typical output voltage of 1.23V. The voltage divider
should be configured in order to present about 0.5V to the
voltage sense inputs when the negative supply reaches its
POWER_GOOD_ON threshold so that the current flowing
out of the VSENSEMn pin is minimized to ~1µA. The rela-
tionship between the POWER_GOOD_ON register value
and the corresponding negative supply value can be be
expressed as:
VEE = VREFP – READ _ VOUT
(
) •
R2
R1
+ 1
⎛
⎝
⎜
⎜
⎞
⎠
⎟
⎟ – 1µA • R2
where READ_VOUT returns VSENSEP – VSENSEM
Figure 41. Sensing Negative Voltages
VPWR
VDD33
VDD33
VDD25
VIN_SNS
VDAC0
VSENSEP0
VSENSEM0
VOUT_EN0
LTC2972*
0.1µF
0.1µF
4.5V < VIBUS < 15V
*SOME DETAILS OMITTED FOR CLARITY
ONLY ONE OF TWO CHANNELS SHOWN
VIN
VOUT
R20
R30
R10
2972 F40
RUN/SS
SGND
VFB
GND
DC/DC
CONVERTER
LOAD
C10
C20
R50
R40
GND
LTC2972
4.5V < VIBUS < 15V
GND
ONLY ONE OF TWO CHANNELS SHOWN,
SOME DETAILS OMITTED FOR CLARITY
POWER_GOOD_ON = 0.5V FOR VEE POWER_GOOD = –11.414V
WHERE VEE POWER_GOOD =
VREFP – POWER_GOOD_ON (R2/R1 + 1) – 1µA • R2
0.1µF
1.23V TYP
2972 F41
VPWR
SDA
SCL
ALERTB
CONTROL
FAULTB
WDI/RESETB
SHARE_CLK
ASEL0
ASEL1
WP
VIN_SNS
REFM
VSENSEP1
WDI/RESETB
VSENSEM1
REFP
PWRGD
0.1µF
R1 = 4.99k
1µA AT 0.5V
R2 = 120k
VEE = –12V
PMBus
INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com