Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 62 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 62 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 58Page - Linear Technology LTC2972 Datasheet HTML 59Page - Linear Technology LTC2972 Datasheet HTML 60Page - Linear Technology LTC2972 Datasheet HTML 61Page - Linear Technology LTC2972 Datasheet HTML 62Page - Linear Technology LTC2972 Datasheet HTML 63Page - Linear Technology LTC2972 Datasheet HTML 64Page - Linear Technology LTC2972 Datasheet HTML 65Page - Linear Technology LTC2972 Datasheet HTML 66Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 112 page
background image
LTC2972
62
2972fa
For more information www.linear.com/LTC2972
MFR_PG_GPO
The paged MFR_PG_GPO register defines the output logic state of the PG pins if Mfr_pg_operation equals 2'b00. This
register is write protected during Level 1 protection only.
MFR_PG_GPO Data Contents
BIT(S)
SYMBOL
OPERATION
b[7:1]
Reserved
Reserved, always returns 0
b[0]
Mfr_pg_gpo_force
1: Force PG Hi-Z
0: Force PG Low
MFR_PWRGD_EN
This command register controls the mapping of the watchdog and channel power good status to the PWRGD pin.
MFR_PWRGD_EN Data Contents
BIT(S) SYMBOL
OPERATION
b[15:9] Reserved
Read only, always returns 0s.
b[8]
Mfr_pwrgd_en_wdog Watchdog.
1 = Watchdog timer not-expired status is ANDed with PWRGD status for any similarly enabled channels to determine
when the PWRGD pin gets asserted.
0 = Watchdog timer does not affect the PWRGD pin.
b[7:2] Reserved
Always returns 000000b.
b[1]
Mfr_pwrgd_en_chan1 Channel 1.
1 = PWRGD status for this channel is ANDed with PWRGD status for any similarly enabled channels to determine when
the PWRGD pin gets asserted.
0 = PWRGD status for this channel does not affect the PWRGD pin.
b[0]
Mfr_pwrgd_en_chan0 Channel 0.
1 = PWRGD status for this channel is ANDed with PWRGD status for any similarly enabled channels to determine when
the PWRGD pin gets asserted.
0 = PWRGD status for this channel does not affect the PWRGD pin.
MFR_POWERGOOD_ASSERTION_DELAY
This command register allows the user to program the delay from when the internal power-good signal becomes valid
until the PWRGD pin output is asserted. This delay is counted using SHARE_CLK if available, otherwise the internal
oscillator is used. This delay is internally limited to 13.1 seconds, and rounded to the nearest 200µs. The read value
of this command always returns what was last written and does not reflect internal limiting.
The PWRGD pin de-assertion delay and threshold source is controlled by Mfr_config_all_pwrgd_off_uses_uv. Sys-
tems that require a fast PWRGD pin de-assertion should set Mfr_config_all_pwrgd_off_uses_uv = 1. This uses the
VOUT_UV_FAULT_LIMIT and the high speed comparator to de-assert the PWRGD pin. Systems that require a separate
power good off threshold should set Mfr_config_all_pwrgd_off_uses_uv = 0. This uses the slower ADC polling loop
and POWER_GOOD_OFF to de-assert the PWRGD pin.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com