Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 65 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 65 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 61Page - Linear Technology LTC2972 Datasheet HTML 62Page - Linear Technology LTC2972 Datasheet HTML 63Page - Linear Technology LTC2972 Datasheet HTML 64Page - Linear Technology LTC2972 Datasheet HTML 65Page - Linear Technology LTC2972 Datasheet HTML 66Page - Linear Technology LTC2972 Datasheet HTML 67Page - Linear Technology LTC2972 Datasheet HTML 68Page - Linear Technology LTC2972 Datasheet HTML 69Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 112 page
background image
LTC2972
65
2972fa
For more information www.linear.com/LTC2972
OT_FAULT_RESPONSE, UT_FAULT_RESPONSE, VIN_OV_FAULT_RESPONSE and VIN_UV_FAULT_RESPONSE
The fault response documented here is for values that are measured by the ADC. Note that in addition to the response
described by these commands, the LTC2972 will also:
• Set the appropriate bit(s) in the STATUS_BYTE.
• Set the appropriate bit(s) in the STATUS_WORD.
• Set the appropriate bit in the corresponding STATUS_VIN or STATUS_TEMPERATURE register, and
• Notify the host by pulling the ALERTB pin low.
OT_FAULT_RESPONSE, UT_FAULT_RESPONSE, VIN_OV_FAULT_RESPONSE, VIN_UV_FAULT_RESPONSE Data Contents
BIT(S) SYMBOL
OPERATION
b[7:6] Ot_fault_response_action,
Ut_fault_response_action,
Vin_ov_fault_response_action,
Vin_uv_fault_response_action
Response action:
00b: The unit continues operation without interruption.
01b-11b: The unit shuts down immediately or sequences off after TOFF_DELAY (See Mfr_config_track_enn).
After shutting down, the device responds according to the retry settings in bits [5:3].
b[5:3] Ot_fault_response_retry,
Ut_fault_response_retry,
Vin_ov_fault_response_retry,
Vin_uv_fault_response_retry
Response retry behavior:
000b: A zero value for the retry setting means that the unit does not attempt to restart. The output remains
disabled until the fault is cleared.
001b-111b: The PMBus device attempts to restart the number of times specified by the global Mfr_retry_
count[2:0] until it is commanded OFF (by the CONTROL pin or OPERATION command or both), bias power is
removed, or another fault condition causes the unit to shut down.
Changing the value might not take effect until the next off-then-on sequence on that channel.
b[2:0] Ot_fault_response_delay,
Ut_fault_response_delay,
Vin_ov_fault_response_delay,
Vin_uv_fault_response_delay
Hard coded to 000b: There is no additional deglitch delay applied to fault detection.
TON_MAX_FAULT_RESPONSE
This command defines the LTC2972 response to a TON_MAX_FAULT. It may be used to protect against a short-circuited
output at startup. After startup use VOUT_UV_FAULT_RESPONSE to protect against a short-circuited output.
The device also:
• Sets the HIGH_BYTE bit in the STATUS_BYTE,
• Sets the VOUT bit in the STATUS_WORD,
• Sets the TON_MAX_FAULT bit in the STATUS_VOUT register, and
• Notifies the host by asserting ALERTB.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com