Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 50 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 50 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 46Page - Linear Technology LTC2972 Datasheet HTML 47Page - Linear Technology LTC2972 Datasheet HTML 48Page - Linear Technology LTC2972 Datasheet HTML 49Page - Linear Technology LTC2972 Datasheet HTML 50Page - Linear Technology LTC2972 Datasheet HTML 51Page - Linear Technology LTC2972 Datasheet HTML 52Page - Linear Technology LTC2972 Datasheet HTML 53Page - Linear Technology LTC2972 Datasheet HTML 54Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 112 page
background image
LTC2972
50
2972fa
For more information www.linear.com/LTC2972
Table 2. MFR_EIN Data Block Contents
DATA
BYTE*
DESCRIPTION
Energy_value [7:0]
0
Energy Value in mJ. This is the accumulated energy since Mfr_ein_config or Mfr_clear_
energy was last written.
Energy_value [15:8]
1
Energy_value [23:16]
2
Energy_value [31:24]
3
Energy_value [39:32]
4
Energy_value [47:40]
5
Energy_time [7:0]
6
Energy Time in ms. This is the elapsed time since Mfr_ein_config or Mfr_clear_energy
was last written.
Energy_time [15:8]
7
Energy_time [23:16]
8
Energy_time [31:24]
9
Energy_time [39:32]
10
Energy_time [47:40]
11
MFR_EIN_CONFIG
This command configures energy and input current related parameters.
MFR_EIN_CONFIG Data Contents
BIT(S) SYMBOL
OPERATION
b[7:3] Mfr_ein_config_reserved
Don’t care. Always returns 0.
b[2]
Mfr_ein_config_hd
Optimize ADC polling sequence for higher definition input energy measurement.
0: Standard ADC polling sequence
1: Read_vin and Read_iin measurements are interleaved between every other ADC measurement.
b[1:0] Mfr_ein_config_iin_range
Input sense amplifier range setting.
0: High Range
1: Medium Range
2: Low Range
3: Reserved
The range sets the Full-Scale Input Voltage Range (FS_IIN). Lower range settings have lower input
referred noise. See Measuring Input Current in the Applications section for additional details.
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com