| Electronic Components Datasheet Search |
|
LTC2972 Datasheet(PDF) 70 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2972 Datasheet(HTML) 70 Page - Linear Technology |
|
70 / 112 page ![]() LTC2972 70 2972fa For more information www.linear.com/LTC2972 STATUS_VOUT The STATUS_VOUT command returns the summary of the output voltage faults or warnings which have occurred, as shown in the following table: STATUS_VOUT Data Contents BIT(S) SYMBOL OPERATION b[7] Status_vout_ov_fault Overvoltage fault. b[6] Status_vout_ov_warn Overvoltage warning. b[5] Status_vout_uv_warn Undervoltage warning. b[4] Status_vout_uv_fault Undervoltage fault. b[3] Status_vout_max_warn VOUT_MAX warning. An attempt has been made to set the output voltage to a value higher than allowed by the VOUT_MAX command. b[2] Status_vout_ton_max_fault TON_MAX_FAULT sequencing fault. b[1] Status_vout_toff_max_warn Not supported. Always returns 0. b[0] Status_vout_tracking_error Not supported. Always returns 0. STATUS_IOUT The STATUS_IOUT command returns the summary of the output current faults or warnings which have occurred, as shown in the following table: STATUS_IOUT Data Contents BIT(S) SYMBOL OPERATION b[7] Status_iout_oc_fault Not supported. Always returns 0. b[6] Status_iout_oc_uv_fault Not supported. Always returns 0. b[5] Status_iout_oc_warn Overcurrent warning. b[4] Status_iout_uc_fault Not supported. Always returns 0. b[3] Status_curr_share_fault Not supported. Always returns 0. b[2] Status_pout_power_limiting Not supported. Always returns 0. b[1] Status_pout_overpower_fault Not supported. Always returns 0. b[0] Status_pout_overpower_warn Not supported. Always returns 0. STATUS_INPUT The STATUS_INPUT command returns the summary of the VIN faults or warnings which have occurred, as shown in the following table: STATUS_INPUT Data Contents BIT(S) SYMBOL OPERATION b[7] Status_input_ov_fault VIN overvoltage fault. b[6] Status_input_ov_warn VIN overvoltage warning. b[5] Status_input_uv_warn VIN undervoltage warning. b[4] Status_input_uv_fault VIN undervoltage fault. b[3] Status_input_off Unit is off for insufficient input voltage. b[2] IIN overcurrent fault Not supported. Always returns 0. b[1] IIN overcurrent warn Not supported. Always returns 0. b[0] PIN overpower warn Not supported. Always returns 0. PMBus COMMAND DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |