Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 55 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 55 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 51Page - Linear Technology LTC2972 Datasheet HTML 52Page - Linear Technology LTC2972 Datasheet HTML 53Page - Linear Technology LTC2972 Datasheet HTML 54Page - Linear Technology LTC2972 Datasheet HTML 55Page - Linear Technology LTC2972 Datasheet HTML 56Page - Linear Technology LTC2972 Datasheet HTML 57Page - Linear Technology LTC2972 Datasheet HTML 58Page - Linear Technology LTC2972 Datasheet HTML 59Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 112 page
background image
LTC2972
55
2972fa
For more information www.linear.com/LTC2972
MFR_IOUT_CAL_GAIN_TC Data Contents
BIT(S) SYMBOL
OPERATION
b[15:0] Mfr_iout_cal_gain_tc
16-bit twos complement integer representing the temperature coefficient.
Value = Y where Y = b[15:0] is a twos complement.
Example:
Mfr_iout_cal_gain_tc = 3900ppm
For b[15:0] = 0x0F3C
Value = 3900
EXTERNAL TEMPERATURE COMMANDS AND LIMITS
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED FORMAT UNITS EEPROM
DEFAULT
VALUE
REF
PAGE
OT_FAULT_LIMIT
0x4F Overtemperature fault limit setting for
the external temperature sensor.
R/W Word
Y
L11
°C
Y
65.0
0xEA08
56
OT_WARN_LIMIT
0x51 Overtemperature warning limit for the
external temperature sensor
R/W Word
Y
L11
°C
Y
60.0
0xE3C0
56
UT_WARN_LIMIT
0x52 Undertemperature warning limit for
the external temperature sensor.
R/W Word
Y
L11
°C
Y
0
0x8000
56
UT_FAULT_LIMIT
0x53 Undertemperature fault limit for the
external temperature sensor.
R/W Word
Y
L11
°C
Y
–5.0
0xCD80
56
MFR_TEMP_1_GAIN
0xF8 Inverse of external diode temperature
non ideality factor. One LSB = 2–14.
R/W Word
Y
CF
Y
1
0x4000
56
MFR_TEMP_1_OFFSET
0xF9 Offset value for the external
temperature.
R/W Word
Y
L11
°C
Y
0
0x8000
56
MFR_T_SELF_HEAT
0xB8 Calculated temperature rise due to
self-heating of output current sense
device above value measured by
external temperature sensor.
R Word
Y
L11
°C
NA
56
MFR_IOUT_CAL_GAIN_TAU_INV
0xB9 Inverse of time constant for Mfr_t_
self_heat changes scaled by 4 •
tCONV_SENSE.
R/W Word
Y
L11
Y
0.0
0x8000
56
MFR_IOUT_CAL_GAIN_THETA
0xBA Thermal resistance from inductor
core to point measured by external
temperature sensor.
R/W Word
Y
L11
°C/W
Y
0.0
0x8000
56
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com