Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 74 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 74 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 70Page - Linear Technology LTC2972 Datasheet HTML 71Page - Linear Technology LTC2972 Datasheet HTML 72Page - Linear Technology LTC2972 Datasheet HTML 73Page - Linear Technology LTC2972 Datasheet HTML 74Page - Linear Technology LTC2972 Datasheet HTML 75Page - Linear Technology LTC2972 Datasheet HTML 76Page - Linear Technology LTC2972 Datasheet HTML 77Page - Linear Technology LTC2972 Datasheet HTML 78Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 112 page
background image
LTC2972
74
2972fa
For more information www.linear.com/LTC2972
MFR_STATUS_2
This command returns additional manufacturer specific fault and state information. Bits marked Sticky = Yes are set
by the appropriate event and not cleared until the user issues a CLEAR_FAULTS command or turns the channel back
on. Bits marked ALERT = YES assert ALERTB low when they are set. Bits marked Channel = All are not paged.
MFR_STATUS_2 Data Contents
BIT(S) SYMBOL
OPERATION
STICKY ALERT CHANNEL
b[15:3] Mfr_status_2_reserved
Read only, always returns 0.
b[2]
Mfr_status_2_shortcycle_fault 1: This channel was commanded on by user before it finished sequencing off.
0: No short cycle fault has occurred on this channel.
Yes
Yes
Current
Page
b[1]
Mfr_status_2_vinen_drive
1: AUXFAULTB pad is being driven low by this chip.
0: AUXFAULTB pad is not being driven low by this chip.
No
No
All
b[0]
Mfr_status_2_vin_caused_off 1: This channel was turned off due to VIN_SNS dropping below the VIN_OFF
threshold.
0: VIN_SNS has not caused this channel to turn off.
Yes
No
Current
Page
MFR_FIRST_FAULT
The MFR_FIRST_FAULT register contains a value that indicates the first observed fault by the LTC2972 that caused a
channel to fault off. This value is stored in the fault log and is cleared to 0x0000 by sending either the CLEAR_FAULTS
command or cycling a channel off then on. This register will capture the first observed fault regardless of whether fault
logging is enabled. The LTC2972 will store an additional byte into the fault log, FirstFaultTime, that is a snapshot copy
of the least significant 8 bits of the shared-timer value at the time the first fault was detected. Using the FirstFaultTime
value a user can pinpoint a first fault occurrence to within 200µs of all LTC2972 devices with connected SHARE_CLK
pins. The FirstFaultTime value will be reset whenever the MFR_FIRST_FAULT is cleared.
MFR_FIRST_FAULT Data Contents
BIT(S)
SYMBOL
OPERATION
b[15:12]
Mfr_first_fault_page
The page of the first observed fault:
0xF: Global
0x1: Channel 1
0x0: Channel 0
All other values reserved
b[11:8]
Mfr_first_fault_bit_num
Bit number of the status register indicated by Mfr_first_fault_cmd that contains the first observed
fault condition
b[7:0]
Mfr_first_fault_cmd
The PMBus command of the status register that contains the first observed fault condition:
0x80: STATUS_MFR_SPECIFIC
0x7D: STATUS_TEMPERATURE
0x7C: STATUS_INPUT
0x7A: STATUS_VOUT
0x00: None
All other values reserved
PMBus COMMAND DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com