Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 104 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 104 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 100Page - Linear Technology LTC2972 Datasheet HTML 101Page - Linear Technology LTC2972 Datasheet HTML 102Page - Linear Technology LTC2972 Datasheet HTML 103Page - Linear Technology LTC2972 Datasheet HTML 104Page - Linear Technology LTC2972 Datasheet HTML 105Page - Linear Technology LTC2972 Datasheet HTML 106Page - Linear Technology LTC2972 Datasheet HTML 107Page - Linear Technology LTC2972 Datasheet HTML 108Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 112 page
background image
LTC2972
104
2972fa
For more information www.linear.com/LTC2972
APPLICATIONS INFORMATION
Figure 43. ADI Controller Connections When LTC2972 Is Powered Directly from 3.3V
TO LTC USB TO
I2C/SMBUS/PMBUS
CONTROLLER
ISOLATED 3.3V
SCL
GND
SDA
2972 F43
LTC4412
NOTE: LTC CONTROLLER I2C CONNECTIONS ARE OPTO-ISOLATED
ISOLATED 3.3V FROM LTC CONTROLLER CAN BE BACK DRIVEN AND WILL ONLY DRAW <10µA
ISOLATED 3.3V CURRENT LIMIT IS 100mA
SENSE
VIN
GATE
GND
STAT
CTL
VPWR
VDD33
LTC2972*
WP GND
*PIN CONNECTIONS
OMITTED FOR CLARITY
TO/FROM OTHER LTC
POWER SYSTEM MANAGERS
IDEAL DIODE
OR’D 3.3V
NTS4173P
SYSTEM 3.3V
0.1µF
VDD33
VDD25
0.1µF
SCL
SDA
SHARE_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com