Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 108 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 108 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 104Page - Linear Technology LTC2972 Datasheet HTML 105Page - Linear Technology LTC2972 Datasheet HTML 106Page - Linear Technology LTC2972 Datasheet HTML 107Page - Linear Technology LTC2972 Datasheet HTML 108Page - Linear Technology LTC2972 Datasheet HTML 109Page - Linear Technology LTC2972 Datasheet HTML 110Page - Linear Technology LTC2972 Datasheet HTML 111Page - Linear Technology LTC2972 Datasheet HTML 112Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 108 / 112 page
background image
LTC2972
108
2972fa
For more information www.linear.com/LTC2972
PCB ASSEMBLY AND LAYOUT SUGGESTIONS
Bypass Capacitor Placement
The LTC2972 requires 0.1µF bypass capacitors between
the VDD33 pins and GND, the VDD25 pin and GND, the
REFP pin and REFM pin, and a 10nF capacitor between
the VIN_SNS_CAP pin and GND. If the chip is being pow-
ered from the VPWR input, then that pin should also be
bypassed to GND by a 0.1µF capacitor. In order to be ef-
fective, these capacitors should be made of a high quality
ceramic dielectric such as X5R or X7R and be placed as
close to the chip as possible.
Exposed Pad Stencil Design
The LTC2972’s package is thermally and electrically ef-
ficient. This is enabled by the exposed die attach pad on
the under side of the package which must be soldered
down to the PCB or mother board substrate. It is a good
practice to minimize the presence of voids within the
exposed pad inter-connection. Total elimination of voids
is difficult, but the design of the exposed pad stencil is
key. Figure 46 shows a suggested screen print pattern.
The proposed stencil design enables out-gassing of the
solderpasteduringreflowaswellasregulatingthefinished
solder thickness. See IPC7525A.
PCB Board Layout
Mechanical stress on a PC board and soldering-induced
stress can cause the LTC2972’s reference voltage and the
voltage drift to shift. A simple way to reduce the stress-
related shifts is to mount the IC near the short edge of
the PC board, or in a corner. The board acts as a stress
boundary, or a region where the flexure of the board is
minimal.
The LTC2972’s READ_IIN input current sense amplifier
has very low offsets enabling accurate current, power, and
energy readings. PC Board routing to current sense inputs
may create a thermal voltage offset if differential routing
paths cross dissimilar metal boundaries in the presence
of a thermal gradient. To minimize thermal voltages, route
differential current sense inputs as close together as pos-
sible, and minimize vias. If vias are necessary, make sure
to place both positive and negative current sense path vias
are close together to minimize the temperature difference.
Unused ADC Sense Inputs
Connect all unused ADC sense inputs (VSENSEPn or
VSENSEMn) to GND. In a system where the inputs are
connected to removable cards and may be left floating
in certain situations, connect the inputs to GND using
100k resistors. Place the 100k resistors before any filter
components, as shown in Figure 47, to prevent loading
of the filter.
APPLICATIONS INFORMATION
Figure 46. Suggested Screen Pattern for Die Attach Pad
Figure 47. Connecting Unused Inputs to GND
2972 F45
QFN PACKAGE
APERATURE DESIGN 50% TO 80% REDUCTION
GROUND PLANE
2972 F47
100k
LTC2972
VSENSEP
VSENSEM
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com