Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 109 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 109 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 104Page - Linear Technology LTC2972 Datasheet HTML 105Page - Linear Technology LTC2972 Datasheet HTML 106Page - Linear Technology LTC2972 Datasheet HTML 107Page - Linear Technology LTC2972 Datasheet HTML 108Page - Linear Technology LTC2972 Datasheet HTML 109Page - Linear Technology LTC2972 Datasheet HTML 110Page - Linear Technology LTC2972 Datasheet HTML 111Page - Linear Technology LTC2972 Datasheet HTML 112Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 109 / 112 page
background image
LTC2972
109
2972fa
For more information www.linear.com/LTC2972
APPLICATIONS INFORMATION
DESIGN CHECKLIST
I2C
The LTC2972 must be configured for a unique address.
Theaddressselectpins(ASEL
n)aretri-level;CheckTable1.
Check addresses for collision with other devices on the
bus and any global addresses.
Output Enables
Use appropriate pull-up resistors on both VOUT_ENn pins.
Verify that the absolute maximum ratings of the VOUT_ENn
pins are not exceeded.
VIN Sense
No external resistive divider is required to sense VIN;
VIN_SNS already has an internal calibrated divider.
Input Current Sense
Verify that IIN_SNSP and IIN_SNSM pins do not exceed ab-
solute maximum ratings.
Add a 10nF capacitor to VIN_SNS_CAP.
External Temperature Sense
Verify the PNP sense transistor is close to the inductor
and away from other significant heat sources.
Verify the PNP sense transistor collector connects to
a ground plane near the PNP, the emitter routes to the
LTC2972, and the base connects to signal ground near
the LTC2972.
Logic Signals
Verify the absolute maximum ratings of the digital pins
(SCL, SDA, ALERTB, FAULTB
n, CONTROLn, SHARE_CLK,
WDI, ASEL
n, PWRGD) are not exceeded.
Connect all SHARE_CLK pins in the system together and
pull-up to VDD33 with a 5.49k resistor.
Do not leave CONTROLn pins floating. Pull up to VDDIO
with a 10k resistor.
Tie WDI/RESETB to VDD33 with a 10k resistor. Do not
connect a capacitor to the WDI/RESETB pin.
Tie WP to either VDDIO or GND. Do not leave floating.
Do not leave the FAULTBn pins floating. Pull up to VDDIO
with a 10k resistor.
Unused Inputs
ConnectallunusedVSENSEPn,VSENSEMn,ISENSEPn,ISENSEMn,
and TSENSEn pins to GND. Do not float unused inputs.
Refer to Unused ADC Sense Inputs in the Applications
Information section.
If not used, connect IIN_SNSP and IIN_SNSM pins to the
VIN_SNS pin.
DAC Outputs
Selectappropriateresistorfordesiredmarginrange.Refer
totheresistorselectiontoolinLTpowerPlayforassistance.
For a more complete list of design considerations and
a schematic checklist, see the Design Checklist on the
LTC2972 product page:
www.linear.com/LTC2972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com