Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 110 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 110 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 104Page - Linear Technology LTC2972 Datasheet HTML 105Page - Linear Technology LTC2972 Datasheet HTML 106Page - Linear Technology LTC2972 Datasheet HTML 107Page - Linear Technology LTC2972 Datasheet HTML 108Page - Linear Technology LTC2972 Datasheet HTML 109Page - Linear Technology LTC2972 Datasheet HTML 110Page - Linear Technology LTC2972 Datasheet HTML 111Page - Linear Technology LTC2972 Datasheet HTML 112Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 110 / 112 page
background image
LTC2972
110
2972fa
For more information www.linear.com/LTC2972
PACKAGE DESCRIPTION
6.00 ±0.10
NOTE:
1. DRAWING CONFORMS TO JEDEC PACKAGE
OUTLINE M0-220
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
PIN 1
TOP MARK
(SEE NOTE 6)
35
1
2
12
13
22
23
34
44
BOTTOM VIEW—EXPOSED PAD
5.50 REF
5.50 ±0.10
7.00 ±0.10
0.75 ±0.05
R = 0.125
TYP
0.25 ±0.05
(44UJF) QFN 0515 REV Ø
0.50 BSC
0.200 REF
0.00 – 0.05
RECOMMENDED SOLDER PAD LAYOUT
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
4.50 REF
4.50 ±0.10
0.40 ±0.10
0.70 ±0.05
0.50 BSC
5.5 REF
4.50 REF
4.50 ±0.05
5.10 ±0.05
6.50 ±0.05
5.50 ±0.05
6.10 ±0.05
7.50 ±0.05
0.25 ±0.05
PACKAGE
OUTLINE
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1 NOTCH
R = 0.30 TYP OR
0.35
× 45° CHAMFER
UJF Package
44-Lead Plastic QFN (6mm
× 7mm)
(Reference LTC DWG # 05-08-1501 Rev Ø)
Please refer to http://www.linear.com/product/LTC2972#packaging for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com