Electronic Components Datasheet Search
  English  ▼

X  

LTC2972 Datasheet(PDF) 112 Page - Linear Technology

Part # LTC2972
Description  2-Channel PMBus Power System Manager Featuring Programmable Power Good Outputs
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2972 Datasheet(HTML) 112 Page - Linear Technology

Back Button LTC2972 Datasheet HTML 104Page - Linear Technology LTC2972 Datasheet HTML 105Page - Linear Technology LTC2972 Datasheet HTML 106Page - Linear Technology LTC2972 Datasheet HTML 107Page - Linear Technology LTC2972 Datasheet HTML 108Page - Linear Technology LTC2972 Datasheet HTML 109Page - Linear Technology LTC2972 Datasheet HTML 110Page - Linear Technology LTC2972 Datasheet HTML 111Page - Linear Technology LTC2972 Datasheet HTML 112Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 112 / 112 page
background image
LTC2972
112
2972fa
For more information www.linear.com/LTC2972
LT 0318 • PRINTED IN USA
www.linear.com/LTC2972
ANALOG DEVICES, INC. 2018
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTC2975
4-Channel Power System Manager Featuring Accurate
Input Current and Energy Measurement
0.25% TUE 16-Bit ADC, Voltage/Current/Temperature Monitoring and
Supervision, Monitor Input Current (1%) and Accumulate Energy
LTC2970
Dual I2C Power Supply Monitor and Margining Controller 5V to 15V, ±0.5% TUE 14-Bit ADC, 8-Bit DAC, Temperature Sensor
LTC2974
4-Channel Power System Manager
0.25% TUE 16-Bit ADC, Voltage/Current/Temperature Monitoring and Supervision
LTC2977
8-Channel Power System Manager
0.25% TUE 16-Bit ADC, Voltage/Temperature Monitoring and Supervision
LTC2980
16-Channel PMBus Power System Manager
Dual LTC2977
LTM®2987
16-Channel µModule® PMBus Power System Manager
Dual LTC2977 with Integrated Passive Components
LTC3887
Dual Output PolyPhase® Step-Down DC/DC Controller
0.5% TUE 16-Bit ADC, Voltage/Current/Temperature Monitoring and Supervision
LTC3883
Single Output PolyPhase Step-Down DC/DC Controller
0.5% TUE 16-Bit ADC, Voltage/Current/Temperature Monitoring and Supervision
LTM4677
Dual 18A or Single 36A µModule Regulator with Digital
Power System Management
0.5% TUE 16-Bit ADC, Voltage/Current/Temperature Monitoring and
Supervision
Figure 48. LTC2972 Application Circuit
VDD33
VDD33
VDD33
VDD33
VDD33
VDD33
1MEG
1MEG
0.22µH
47µF
×4
100Ω
0.1µF
0.1µF
10pF
10m
0.01µF
6.04k
1MEG
221k
0.47µH
100Ω
100Ω
0.1µF
0.1µF
10pF
6.04k
10µF
×2
0.1µF
0.1µF
10k
10k
5.49k
MMBT3906
1µF
20k
0.1µF
0.1µF
0.1µF
2k
390pF
6k
390pF
100k
100k
MMBT3906
0.1µF
0.1µF
10nF
10nF
10k
10k
10k
10k
10k
10k 10k 10k
10k 10k
47µF
×3
715k
2MEG
LTC2972
LT8652S
CHANNEL 2 OF 2
SW1
FB1
SNSGND1
SS1
BIAS
IMON1
VDAC0
VSENSEP0
VSENSEM0
ISENSEM0
ISENSEP0
VOUT_EN0
VIN_SNS
IIN_SNSP
IIN_SNSM
VIN_SNS_CAP
AUXFAULTB
SW2
FB2
SS2
IMON2
VDAC1
VSENSEP1
VSENSEM1
ISENSEM1
ISENSEP1
VPWR
VDD25
VDDIO
VDD33
CONTROL0
PG0
FAULTB0
SNSGND2
CONTROL1
PG1
SHARE_CLK
WDI/RESETB
ALERTB
SDA
SCL
TSENSE0
VOUT_EN1
TSENSE1
1.2V/8.5A
3.3V/8.5A
12VIN
TO/FROM OTHER ADI POWER
SYSTEM MANAGERS AND
MICROCONTROLLERS
CH0
DIGITAL IO
CH1
DIGITAL IO
VCC
RT
SYNC
TEMP
REFP
REFM
FSW = 2MHz
BOOST2
BOOST1
CLKOUT
VC2
VC1
PG1
PG2
WP
PWRGD
FAULTB1
75mV/A
75mV/A
LT8652S
CHANNEL 1 OF 2
1
5
4
43
44
42
28
29
38
32
33
31
30
41
10
23
14
17
18
15
24
11
40
34
35
37
36
39
19
21
20
22
12
16
13
6
9
25
45
2
VDD33
7
VDD25
8
ASEL0
ASEL1
26
27
DNC
3
LOAD
LOAD
100Ω
2972 F48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com