Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 211 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 211 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 207Page - Advanced Micro Devices CS5530A Datasheet HTML 208Page - Advanced Micro Devices CS5530A Datasheet HTML 209Page - Advanced Micro Devices CS5530A Datasheet HTML 210Page - Advanced Micro Devices CS5530A Datasheet HTML 211Page - Advanced Micro Devices CS5530A Datasheet HTML 212Page - Advanced Micro Devices CS5530A Datasheet HTML 213Page - Advanced Micro Devices CS5530A Datasheet HTML 214Page - Advanced Micro Devices CS5530A Datasheet HTML 215Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
211
Register Descriptions
Revision 1.1
Offset 4Ch-4Fh
HcRhDescriptorB Register (R/W)
Reset Value = 00000000h
31:16
PortPowerControlMask: Global-power switching. This field is only valid if NoPowerSwitching is cleared and PowerSwitch-
ingMode is set (individual port switching). When set, the port only responds to individual port power switching commands
(Set/ClearPortPower). When cleared, the port only responds to global power switching commands (Set/ClearGlobalPower).
0 = Device not removable; 1 = Global-power mask.
Port Bit relationship - Unimplemented ports are reserved, read/write 0.
0 = Reserved
1 = Port 1
2 = Port 2
...
15 = Port 15
15:0
DeviceRemoveable: USB ports default to removable devices. 0 = Device not removable; 1 = Device removable.
Port Bit relationship
0 = Reserved
1 = Port 1
2 = Port 2
...
15 = Port 15
Unimplemented ports are reserved, read/write 0.
Note: This register is only reset by a power-on reset (PCIRST#). It is written during system initialization to configure the Root Hub.
These bit should not be written during normal operation.
Offset 50h-53h
HcRhStatus Register (R/W)
Reset Value = 00000000h
31
ClearRemoteWakeupEnable (Write Only): Writing a 1 to this bit clears DeviceRemoteWakeupEnable. Writing a 1 has no
effect.
30:18
Reserved: Read/Write 0s.
17
OverCurrentIndicatorChange: This bit is set when OverCurrentIndicator changes. Writing a 1 clears this bit. Writing a 0
has no effect.
16
Read: LocalPowerStatusChange: Not supported. Always read 0.
Write: SetGlobalPower: Write a 1 issues a SetGlobalPower command to the ports. Writing a 0 has no effect.
15
Read: DeviceRemoteWakeupEnable: This bit enables ports' ConnectStatusChange as a remote wakeup event.
0 = Disabled; 1 = Enabled.
Write = SetRemoteWakeupEnable: Writing a 1 sets DeviceRemoteWakeupEnable. Writing a 0 has no effect.
14:2
Reserved: Read/Write 0s.
1
OverCurrentIndicator: This bit reflects the state of the OVRCUR pin. This field is only valid if NoOverCurrentProtection and
OverCurrentProtectionMode are cleared. 0 = No over-current condition; 1 = Over-current condition.
0
Read: LocalPowerStatus: Not Supported. Always read 0.
Write: ClearGlobalPower: Writing a 1 issues a ClearGlobalPower command to the ports. Writing a 0 has no effect.
Note: This register is reset by the UsbReset state.
Table 5-26. USB BAR+Memory Offset xxh: USB Controller Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com