Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 215 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 215 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 211Page - Advanced Micro Devices CS5530A Datasheet HTML 212Page - Advanced Micro Devices CS5530A Datasheet HTML 213Page - Advanced Micro Devices CS5530A Datasheet HTML 214Page - Advanced Micro Devices CS5530A Datasheet HTML 215Page - Advanced Micro Devices CS5530A Datasheet HTML 216Page - Advanced Micro Devices CS5530A Datasheet HTML 217Page - Advanced Micro Devices CS5530A Datasheet HTML 218Page - Advanced Micro Devices CS5530A Datasheet HTML 219Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
215
Register Descriptions
Revision 1.1
5.5
ISA Legacy I/O Register Space
The bit formats for the ISA Legacy I/O Registers plus two
chipset-specific configuration registers used for interrupt
mapping in the CS5530A are given in this section. These
registers reside in the ISA I/O address space in the
address range from 000h to FFFh and are accessed
through typical input/output instructions (i.e., CPU direct R/
W) with the designated I/O port address and 8-bit data.
The registers are separated into the following categories:
• DMA Channel Control Registers, see Table 5-27
• DMA Page Registers, see Table 5-28
• Programmable Interval Timer Registers, see Table 5-29
• Programmable Interrupt Controller Registers, see Table
5-30
• Keyboard Controller Registers, see Table 5-31
• Real Time Clock Registers, see Table 5-32
• Miscellaneous Registers, see Table 5-33 (includes 4D0h
and 4D1h Interrupt Edge/Level Select Registers and
ACPI Timer Count Register at I/O Port 121Ch)
Table 5-27. DMA Channel Control Registers
Bit
Description
I/O Port 000h (R/W)
DMA Channel 0 Address Register
Written as two successive bytes, byte 0, 1.
I/O Port 001h (R/W)
DMA Channel 0 Transfer Count Register
Written as two successive bytes, byte 0, 1.
I/O Port 002h (R/W)
DMA Channel 1 Address Register
Written as two successive bytes, byte 0, 1.
I/O Port 003h (R/W)
DMA Channel 1 Transfer Count Register
Written as two successive bytes, byte 0, 1.
I/O Port 004h (R/W)
DMA Channel 2 Address Register
Written as two successive bytes, byte 0, 1.
I/O Port 005h (R/W)
DMA Channel 2 Transfer Count Register
Written as two successive bytes, byte 0, 1.
I/O Port 006h (R/W)
DMA Channel 3 Address Register
Written as two successive bytes, byte 0, 1.
I/O Port 007h (R/W)
DMA Channel 3 Transfer Count Register
Written as two successive bytes, byte 0, 1.
I/O Port 008h (R/W)
Read
DMA Status Register, Channels 3:0
7
Channel 3 Request: Request pending? 0 = No; 1 = Yes.
6
Channel 2 Request: Request pending? 0 = No; 1 = Yes.
5
Channel 1 Request: Request pending? 0 = No; 1 = Yes.
4
Channel 0 Request: Request pending? 0 = No; 1 = Yes.
3
Channel 3 Terminal Count: TC reached? 0 = No; 1 = Yes.
2
Channel 2 Terminal Count: TC reached? 0 = No; 1 = Yes.
1
Channel 1 Terminal Count: TC reached? 0 = No; 1 = Yes.
0
Channel 0 Terminal Count: TC reached? 0 = No; 1 = Yes.
Write
DMA Command Register, Channels 3:0
7
DACK Sense: 0 = Active high; 1 = Active low.
6
DREQ Sense: 0 = Active high; 1 = Active low.
5
Write Selection: 0 = Late write; 1 = Extended write.
4
Priority Mode: 0 = Fixed; 1 = Rotating.
3
Timing Mode: 0 = Normal; 1 = Compressed.
2
Channels 3 through 0: 0 = Disable; 1 = Enable.
1:0
Reserved: Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com