Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 219 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 219 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 215Page - Advanced Micro Devices CS5530A Datasheet HTML 216Page - Advanced Micro Devices CS5530A Datasheet HTML 217Page - Advanced Micro Devices CS5530A Datasheet HTML 218Page - Advanced Micro Devices CS5530A Datasheet HTML 219Page - Advanced Micro Devices CS5530A Datasheet HTML 220Page - Advanced Micro Devices CS5530A Datasheet HTML 221Page - Advanced Micro Devices CS5530A Datasheet HTML 222Page - Advanced Micro Devices CS5530A Datasheet HTML 223Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
219
Register Descriptions
Revision 1.1
Table 5-29. Programmable Interval Timer Registers
Bit
Description
I/O Port 040h
Write
PIT Timer 0 Counter
7:0
Counter Value
Read
PIT Timer 0 Status
7
Counter Output: State of counter output signal.
6
Counter Loaded: Last count written is loaded? 0 = Yes; 1 = No.
5:4
Current Read/Write Mode: 00 = Counter latch command; 01 = R/W LSB only; 10 = R/W MSB only; 11 = R/W LSB, followed
by MSB.
3:1
Current Counter Mode: 0-5.
0
BCD Mode: 0 = Binary; 1 = BCD (binary coded decimal).
I/O Port 041h
Write
PIT Timer 1 Counter (Refresh)
7:0
Counter Value
Read
PIT Timer 1 Status (Refresh)
7
Counter Output: State of counter output signal.
6
Counter Loaded: Last count written is loaded? 0 = Yes; 1 = No.
5:4
Current Read/Write Mode: 00 = Counter latch command; 01 = R/W LSB only; 10 = R/W MSB only; 11 = R/W LSB, followed
by MSB.
3:1
Current Counter Mode: 0-5.
0
BCD Mode: 0 = Binary; 1 = BCD (binary coded decimal).
I/O Port 042h
Write
PIT Timer 2 Counter (Speaker)
7:0
Counter Value
Read
PIT Timer 2 Status (Speaker)
7
Counter Output: State of counter output signal.
6
Counter Loaded: Last count written is loaded? 0 = Yes; 1 = No.
5:4
Current Read/Write Mode: 00 = Counter latch command; 01 = R/W LSB only; 10 = R/W MSB only; 11 = R/W LSB, followed
by MSB.
3:1
Current Counter Mode: 0-5.
0
BCD Mode: 0 = Binary; 1 = BCD (binary coded decimal).
I/O Port 043h (R/W)
PIT Mode Control Word Register
7:6
Counter Select: 00 = Counter 0; 01 = Counter 1; 10 = Counter 2; 11 = Read-back command (Note 1).
5:4
Current Read/Write Mode: 00 = Counter latch command (Note 2); 01 = R/W LSB only; 10 = R/W MSB only; 11 = R/W LSB,
followed by MSB.
3:1
Current Counter Mode: 0-5.
0
BCD Mode: 0 = Binary; 1 = BCD (binary coded decimal).
Notes: 1. If bits [7:6] = 11: Register functions as Read Status Command
Bit 5 = Latch Count, Bit 4 = Latch Status, Bit 3 = Select Counter 2, Bit 2 = Select Counter 1, Bit 1 = Select Counter 0, and Bit
0 = Reserved
2. If bits [5:4] = 00: Register functions as Counter Latch Command
Bits [7:6] = Selects Counter, and [3:0] = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com