Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 220 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 220 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 216Page - Advanced Micro Devices CS5530A Datasheet HTML 217Page - Advanced Micro Devices CS5530A Datasheet HTML 218Page - Advanced Micro Devices CS5530A Datasheet HTML 219Page - Advanced Micro Devices CS5530A Datasheet HTML 220Page - Advanced Micro Devices CS5530A Datasheet HTML 221Page - Advanced Micro Devices CS5530A Datasheet HTML 222Page - Advanced Micro Devices CS5530A Datasheet HTML 223Page - Advanced Micro Devices CS5530A Datasheet HTML 224Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 259 page
background image
220
AMD Geode™ CS5530A Companion Device Data Book
Register Descriptions
Revision 1.1
Table 5-30. Programmable Interrupt Controller Registers
Bit
Description
I/O Port 020h / 0A0h (WO)
Master / Slave PIC IWC1
7:5
Reserved: Set to 0.
4
Reserved: Set to 1.
3
Trigger Mode: 0 = Edge; 1 = Level.
2
Vector Address Interval: 0 = 8-byte intervals; 1 = 4-byte intervals.
1
Reserved: Set to 0 (cascade mode).
0
Reserved: Set to 1 (ICW4 must be programmed).
I/O Port 021h / 0A1h (WO)
Master / Slave PIC ICW2
(after ICW1 is written)
7:3
A[7:3]: Address lines [7:3] for base vector for interrupt controller.
2:0
Reserved: Set to 0.
I/O Port 021h / 0A1h (WO)
Master / Slave PIC ICW3
(after ICW2 is written)
Master PIC ICW3
7:0
Cascade IRQ: Must be 04h.
Slave PIC ICW3
7:0
Slave ID: Must be 02h.
I/O Port 021h / 0A1h (WO)
Master / Slave PIC ICW4
(after ICW3 is written)
7:5
Reserved: Set to 0.
4
Special Fully Nested Mode: 0 = Disable; 1 = Enable.
This function is not implemented and should always be disabled (i.e., set this bit to 0).
3:2
Reserved: Set to 0.
1
Auto EOI: 0 = Normal EOI; 1 = Auto EOI.
0
Reserved: Set to 1 (8086/8088 mode).
I/O Port 021h / 0A1h (R/W)
Master / Slave PIC OCW1
(except immediately after ICW1 is written)
7
IRQ7 / IRQ15 Mask: 0 = Not Masked; 1 = Mask.
6
IRQ6 / IRQ14 Mask: 0 = Not Masked; 1 = Mask.
5
IRQ5 / IRQ13 Mask: 0 = Not Masked; 1 = Mask.
4
IRQ4 / IRQ12 Mask: 0 = Not Masked; 1 = Mask.
3
IRQ3 / IRQ11 Mask: 0 = Not Masked; 1 = Mask.
2
IRQ2 / IRQ10 Mask: 0 = Not Masked; 1 = Mask.
1
IRQ1 / IRQ9 Mask: 0 = Not Masked; 1 = Mask.
0
IRQ0 / IRQ8 Mask: 0 = Not Masked; 1 = Mask.
I/O Port 020h / 0A0h (WO)
Master / Slave PIC OCW2
7:5
Rotate/EOI Codes
000 = Clear rotate in Auto EOI mode
100 = Set rotate in Auto EOI mode
001 = Non-specific EOI
101 = Rotate on non-specific EOI command
010 = No operation
110 = Set priority command (bits [2:0] must be valid)
011 = Specific EOI (bits [2:0] must be valid)
111 = Rotate on specific EOI command (bits [2:0] must be valid)
4:3
Reserved: Set to 0.
2:0
IRQ Number (000-111)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com