Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 240 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 240 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 236Page - Advanced Micro Devices CS5530A Datasheet HTML 237Page - Advanced Micro Devices CS5530A Datasheet HTML 238Page - Advanced Micro Devices CS5530A Datasheet HTML 239Page - Advanced Micro Devices CS5530A Datasheet HTML 240Page - Advanced Micro Devices CS5530A Datasheet HTML 241Page - Advanced Micro Devices CS5530A Datasheet HTML 242Page - Advanced Micro Devices CS5530A Datasheet HTML 243Page - Advanced Micro Devices CS5530A Datasheet HTML 244Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 259 page
background image
240
AMD Geode™ CS5530A Companion Device Data Book
Electrical Specifications
Revision 1.1
Figure 6-1. Test Measurements for AC Characteristics
Figure 6-2. Test Circuit for AC Characteristics
CLK
OUTPUTS
INPUTS
VDD
VSS
VREF = 50% VDD
Valid Input
Valid Output n+1
Valid Output n
VREF = 50% VDD
VREF = 50% VDD
VSS
VDD
Legend:
tLH/tHL Max = Maximum Output Delay Specification
tLH/tHL Min = Minimum Output Delay Specification
tSU Min = Minimum Input Setup Specification
tH Min = Minimum Input Hold Specification
Note: See Table 6-7 "Drive Level and Measurement Points for AC Characteristics" on page 239
for VDD, VSS, and VREF values.
tLH/tHL Max
tLH/tHL Min
tSU Min
tH Min
90%
10%
90%
10%
tRISE
tFALL
pin
VSS
CL
Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com