Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 237 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 237 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 233Page - Advanced Micro Devices CS5530A Datasheet HTML 234Page - Advanced Micro Devices CS5530A Datasheet HTML 235Page - Advanced Micro Devices CS5530A Datasheet HTML 236Page - Advanced Micro Devices CS5530A Datasheet HTML 237Page - Advanced Micro Devices CS5530A Datasheet HTML 238Page - Advanced Micro Devices CS5530A Datasheet HTML 239Page - Advanced Micro Devices CS5530A Datasheet HTML 240Page - Advanced Micro Devices CS5530A Datasheet HTML 241Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
237
Electrical Specifications
Revision 1.1
6.4.1
Definition of System Conditions for Measuring “On” Parameters
The current of the CS5530A is highly dependent on the DCLK (DOT clock). Table 6-5 shows how these factors are con-
trolled when measuring the typical average and absolute maximum CS5530A current parameters. Table 6-6 provides the
CS5530A’s core, DAC, and PLL DC characteristics during various power states.
Table 6-5. System Conditions Used to Determine CS5530A’s Current Used During the “On” State
CPU Current Measurement
System Conditions
VDD (Note 1)
1.
See Table 6-3 on page 234 for nominal and maximum voltages.
DCLK Frequency (Note 2)
2.
Not all system designs support display modes that require a DCLK of 157 MHz. Therefore, absolute maximum current
will not be realized in all system designs.
Typical Average
Nominal
50 MHz (Note 3)
3.
A DCLK frequency of 50 MHz is derived by setting the display mode to 800x600x8 bpp at 75 Hz, using a display image
of vertical stripes (4-pixel wide) alternating between black and white with power management disabled.
Absolute Maximum
Max
135 MHz (Note 4)
4.
A DCLK frequency of 157 MHz is derived by setting the display mode to 1280x1024x8 bpp at 85 Hz, using a display
image of vertical stripes (1-pixel wide) alternating between black and white with power management disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com