Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 233 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 233 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 229Page - Advanced Micro Devices CS5530A Datasheet HTML 230Page - Advanced Micro Devices CS5530A Datasheet HTML 231Page - Advanced Micro Devices CS5530A Datasheet HTML 232Page - Advanced Micro Devices CS5530A Datasheet HTML 233Page - Advanced Micro Devices CS5530A Datasheet HTML 234Page - Advanced Micro Devices CS5530A Datasheet HTML 235Page - Advanced Micro Devices CS5530A Datasheet HTML 236Page - Advanced Micro Devices CS5530A Datasheet HTML 237Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
233
Electrical Specifications
Revision 1.1
6.0Electrical Specifications
This section provides information on electrical connections,
absolute maximum ratings, recommended operating condi-
tions, and DC/AC characteristics for the Geode CS5530A.
All voltage values in the electrical specifications are with
respect to VSS unless otherwise noted.
For detailed information on the PCI bus electrical specifica-
tion refer to Chapter 4 of the PCI Bus Specification, Revi-
sion 2.1.
6.1
Electrical Connections
6.1.1
Pull-Up Resistors
Table 6-1 lists the pins that are internally connected to a
20-kohm pull-up resistor. When unused, these inputs do
not require connection to an external pull-up resistor.
6.1.2
Unused Input Pins
All inputs not used by the system designer and not listed in
Table 6-1 should be kept at either VSS or VDD. To prevent
possible spurious operation, connect active-high inputs to
ground through a 20-kohm (±10%) pull-down resistor and
active-low inputs to VDD through a 20-kohm (±10%) pull-up
resistor.
6.1.3
NC-Designated Pins
Pins designated NC should be left disconnected. Connect-
ing an NC pin to a pull-up resistor, pull-down resistor, or an
active signal could cause unexpected results and possible
circuit malfunctions.
6.1.4
PWR/GND Connections and Decoupling
Testing and operating the CS5530A requires the use of
standard high frequency techniques to reduce parasitic
effects. These effects can be minimized by filtering the DC
power leads with low-inductance decoupling capacitors,
using low-impedance wiring, and by using all of the VDD
and VSS pins.
Table 6-1. Pins with Weak Internal Pull-Up
Signal Name
Type
Pin No.
IOR#
I/O
AE12
IOW#
I/O
AC11
MEMR#
I/O
AE19
MEMW#
I/O
AF20
SBHE#
I/O
AE17
SA[19:0]/
SD[19:0]
I/O
AD10, AE11, AF12, AD11,
AE25, AD24, AD22, AE21,
AF21, AC20, AD19, AF19,
AF4, AF5, AD5, AF6, AC6,
AD9, AE6, AD9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com