Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 231 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 231 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 227Page - Advanced Micro Devices CS5530A Datasheet HTML 228Page - Advanced Micro Devices CS5530A Datasheet HTML 229Page - Advanced Micro Devices CS5530A Datasheet HTML 230Page - Advanced Micro Devices CS5530A Datasheet HTML 231Page - Advanced Micro Devices CS5530A Datasheet HTML 232Page - Advanced Micro Devices CS5530A Datasheet HTML 233Page - Advanced Micro Devices CS5530A Datasheet HTML 234Page - Advanced Micro Devices CS5530A Datasheet HTML 235Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
231
Register Descriptions
Revision 1.1
Table 5-41. Audio Soft SMI Emulation (0x60-0x63)
Soft SMI AX
SETUP_IDX
SETUP_DATA
0x6000
0x60
BP register value
0x6001
0x61
BP register value
0x6002
0x62
BX register value
0x6003
0x63
BX register value
Note: Arbitrary registers cannot be set in ASL code before issuing a soft SMI. These commands provide an I/O interface to allow
AUDIO Soft SMIs to be emulated.
Table 5-42. Audio Power Control (0x64)
Data
Value
Action
0
Power codec off and mute output
1
Power codec off, do not mute (allows CD to play)
2
Power codec on and un-mute output
3
Power codec on only
Note: This command allows control of power to the audio codec as well as control of amplifier muting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com