Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 227 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 227 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 223Page - Advanced Micro Devices CS5530A Datasheet HTML 224Page - Advanced Micro Devices CS5530A Datasheet HTML 225Page - Advanced Micro Devices CS5530A Datasheet HTML 226Page - Advanced Micro Devices CS5530A Datasheet HTML 227Page - Advanced Micro Devices CS5530A Datasheet HTML 228Page - Advanced Micro Devices CS5530A Datasheet HTML 229Page - Advanced Micro Devices CS5530A Datasheet HTML 230Page - Advanced Micro Devices CS5530A Datasheet HTML 231Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
227
Register Descriptions
Revision 1.1
3
OEM_GPE_E03: Original Equipment Manufacturer General Purpose Event Enable Bit 3 - When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
2
OEM_GPE_E02: Original Equipment Manufacturer General Purpose Event Enable Bit 2 - When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
1
OEM_GPE_E01: Original Equipment Manufacturer General Purpose Event Enable Bit 1 - When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
0
OEM_GPE_E00: Original Equipment Manufacturer General Purpose Event Enable Bit 0 - When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
ACPI_BASE 14h-17h
SETUP_DATA — Setup Data Register (R/W)
Reset Value = 00000000h
During a read operation, SETUP_DATA returns the value of the internal setting specified by the current value in SETUP_IDX
(ACPI_ABASE 0Eh-0Fh)
ACPI_BASE 18h-1Fh
Reserved
Reset Value = 00h
Reserved for future V-ACPI Implementations.
Table 5-34. V-ACPI Registers (Continued)
Bit
Description
Table 5-35. SETUP_IDX Values
Index
Operation
0x00
No operation
0x10
Configure GPIO0 to PM1A_STS or GPE0_STS bits
0x11
Configure GPIO1 to PM1A_STS or GPE0_STS bits
0x12
Configure GPIO2 to PM1A_STS or GPE0_STS bits
0x13
Configure GPIO3 to PM1A_STS or GPE0_STS bits
0x14
Configure GPIO4 to PM1A_STS or GPE0_STS bits
0x15
Configure GPIO5 to PM1A_STS or GPE0_STS bits
0x16
Configure GPIO6 to PM1A_STS or GPE0_STS bits
0x17
Configure GPIO7 to PM1A_STS or GPE0_STS bits
0x30
Configure IRQ0 to wakeup system
0x31
Configure IRQ1 to wakeup system
0x32
Do not use – Reserved for cascade interrupt
0x33
Configure IRQ3 to wakeup system
0x34
Configure IRQ4 to wakeup system
0x35
Configure IRQ5 to wakeup system
0x36
Configure IRQ6 to wakeup system
0x37
Configure IRQ7 to wakeup system
0x38
Configure IRQ8 to wakeup system (Defaults to RTC_STS in PM1A_STS)
0x39
Configure IRQ9 to wakeup system.
0x3A
Configure IRQ10 to wakeup system.
0x3B
Configure IRQ11 to wakeup system
0x3C
Configure IRQ12 to wakeup system
0x3D
Do not use – Reserved for math coprocessor
0x3E
Configure IRQ14 to wakeup system
0x3F
Configure IRQ15 to wakeup system
0x40
Generate GBL_STS – Sets the GLB_STS bit and generates a SCI to the OS
0x41
Configure IRQ to be used for SCI
0x42
Enable reads of ACPI registers
0x43
Do atomic I/O sequence
0x50
Video power
0x60
Soft SMI AX = 6000 emulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com