Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 225 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 225 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 221Page - Advanced Micro Devices CS5530A Datasheet HTML 222Page - Advanced Micro Devices CS5530A Datasheet HTML 223Page - Advanced Micro Devices CS5530A Datasheet HTML 224Page - Advanced Micro Devices CS5530A Datasheet HTML 225Page - Advanced Micro Devices CS5530A Datasheet HTML 226Page - Advanced Micro Devices CS5530A Datasheet HTML 227Page - Advanced Micro Devices CS5530A Datasheet HTML 228Page - Advanced Micro Devices CS5530A Datasheet HTML 229Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
225
Register Descriptions
Revision 1.1
ACPI_BASE 07h
Reserved
Reset Value = 00h
ACPI_BASE 08h-09h
PM1A_STS — PM1A Status Register (R/W)
Reset Value = 0000h
15
WAKE_STS: Wake Status - Set when system was in sleep state and an enabled wakeup occurs.
14:11
Reserved
10
RTC_STS: Real Time Clock Status - This bit changes to 1 if an RTC alarm causes a wake up event. This bit is only set upon
wakeup from a sleep state and IRQ8 is asserted by the RTC. Refer to Table 5-37.
9
SLPBTN_STS: Sleep Button Status (Optional) - This bit changes to 1 when the sleep button is pressed. If SLPBTN_EN is
set, an SCI interrupt is generated.
This bit must be configured to be set by a GPIO pin using SETUP_IDX values 0x10-0x17 in order to be set. Refer to Table 5-
36.
8
PWRBTN_STS: Power Button Status - This bit is set when power button is pressed. If PWRBTN_EN is set, an SCI interrupt
is asserted.
This bit must be configured to be set by a GPIO pin using SETUP_IDX values 0x10-0x17 in order to be set. Refer to Table 5-
36.
7:6
Reserved
5
GBL_STS: Global Status - The BIOS sets GBL_STS to 1 to release its global lock and return control to the ACPI OS. At the
same time GBL_STS is set, the BIOS generates an SCI.
4
BM_STS: Bus Master Status - This bit is not supported by V-ACPI.
3:1
Reserved
0
TMR_STS: ACPI Timer Status - This bit changes to 1 whenever bit 23 of the ACPI timer (F1BAR+Memory Offset 1Ch or I/O
Port 121Ch) changes state. The ACPI OS is responsible for clearing TMR_STS.
If TMR_EN (ACPI_BASE 0Ah[0] is also set, then a SCI interrupt is asserted.
Note: Status bits are “sticky”. A write of a one (1) to a given bit location will reset the bit.
ACPI_BASE 0Ah-0Bh
PM1A_EN — PM1A Enable Register (R/W)
Reset Value = 0000h
15:11
Reserved
10
RTC_EN: Real Time Clock Enable - If set, an SCI is asserted when RTC_STS changes to 1.
9
SLPBTN_EN: Sleep Button Enable (Optional) - If set, an SCI is asserted when SLPBTN_STS changes to 1.
8
PWRBTN_EN: Power Button Enable - If set, an SCI is asserted when PWRBTN_STS changes to 1.
7:6
Reserved
5
GBL_EN: Global Lock Enable - If set, writing a 1 to GBL_STS causes an SCI to be asserted.
4:1
Reserved
0
TMR_EN: ACPI Timer Enable - If set, an SCI is asserted when bit 23 of the ACPI timer (F1BAR+Memory Offset 1Ch or I/O
Port 121Ch) changes state.
ACPI_BASE 0Ch-0Dh
PM1A_CNT — PM1A Control Register (R/W)
Reset Value = 0000h
15:14
Reserved
13
SLP_EN (WO): Sleep Enable (Write Only) - Setting this bit causes the system to enter the sleep state defined by
SLP_TYPx. Reads of this bit always return zero.
12:10
SLP_TYPx: Sleep Type - Defines the type of sleep state the system enters when SLP_EN (bit 13) is set.
000 = Sleep State S0 (Full on)
100 = Sleep State S4
001 = Sleep State S1
101 = Sleep State S5 (Soft off)
010 = Sleep State S2
110 = Reserved
011 = Reserved
111 = Reserved
9:3
Reserved
2
GBL_RLS (WO): Global Lock Release (Write Only) - Used by ACPI OS to raise an event to the BIOS software (SMI). Used
by ACPI driver to indicate a release of the global lock and the setting of the pending bit in the FACS table (refer to ACPI
Specification, Section 5.2.8).
1
BM_RLD: This bit is not supported by V-ACPI.
0
SCI_EN: System Controller Interrupt Enable - Selects whether power management events are SCI or SMI. Set by hardware
based on an ACPI_ENABLE/ACPI_DISABLE written to the SMI_CMD port.
Table 5-34. V-ACPI Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com