Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 226 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 226 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 222Page - Advanced Micro Devices CS5530A Datasheet HTML 223Page - Advanced Micro Devices CS5530A Datasheet HTML 224Page - Advanced Micro Devices CS5530A Datasheet HTML 225Page - Advanced Micro Devices CS5530A Datasheet HTML 226Page - Advanced Micro Devices CS5530A Datasheet HTML 227Page - Advanced Micro Devices CS5530A Datasheet HTML 228Page - Advanced Micro Devices CS5530A Datasheet HTML 229Page - Advanced Micro Devices CS5530A Datasheet HTML 230Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 259 page
background image
226
AMD Geode™ CS5530A Companion Device Data Book
Register Descriptions
Revision 1.1
ACPI_BASE 0Eh-0Fh
SETUP_IDX — Setup Index Register (R/W)
Reset Value = 0000h
SETUP_IDX is a 16-bit register that references an internal setting in the VSA (refer to Table 5-35). A read of SETUP_IDX returns the last
value written to SETUP_IDX. A write of SETUP_IDX selects the index for a corresponding write to SETUP_DATA. Writes of any unde-
fined index values to SETUP_IDX are ignored. If the current value of SETUP_IDX is invalid, a read of SETUP_DATA returns 0.
ACPI_BASE 10h-11h
GPE0_STS — General Purpose Event 0 Status Register (R/W)
Reset Value = 0000h
Each bit is set by an external event and cleared by a write of a one to that bit. The GPE0_STS bits are mapped to specific, chipset-resident
GPIO signals using the SETUP_IDX and SETUP_DATA registers. Refer to Tables 5-35 through 5-37.
15
OEM_GPE_S15: Original Equipment Manufacturer General Purpose Event Status Bit 15 - OEM defined.
14
OEM_GPE_S14: Original Equipment Manufacturer General Purpose Event Status Bit 14 - OEM defined.
13
OEM_GPE_S13: Original Equipment Manufacturer General Purpose Event Status Bit 13 - OEM defined.
12
OEM_GPE_S12: Original Equipment Manufacturer General Purpose Event Status Bit 12 - OEM defined.
11
OEM_GPE_S11: Original Equipment Manufacturer General Purpose Event Status Bit 11 - OEM defined.
10
OEM_GPE_S10: Original Equipment Manufacturer General Purpose Event Status Bit 10 - OEM defined.
9
OEM_GPE_S09: Original Equipment Manufacturer General Purpose Event Status Bit 9 - OEM defined.
8
OEM_GPE_S08: Original Equipment Manufacturer General Purpose Event Status Bit 8 - OEM defined.
7
OEM_GPE_S07: Original Equipment Manufacturer General Purpose Event Status Bit 7 - OEM defined.
6
OEM_GPE_S06: Original Equipment Manufacturer General Purpose Event Status Bit 6 - OEM defined.
The recommended mapping for the lid switch input is to use GPIO6. If the recommended mapping is used, this bit (bit 6)
needs to be mapped to GPIO6 at boot time via SETUP_IDX and SETUP_DATA. Similarly, the lid switch input needs to be
routed to GPIO6 in hardware. If this method is selected, this bit is defined as:
LID_STS: Lid Status - Set when lid state changes. If LID_EN (ACPI_BASE 12h[6] is set, a SCI interrupt is asserted. Reset
by writing a 1 to this bit.
5
OEM_GPE_S05: Original Equipment Manufacturer General Purpose Event Status Bit 5 - OEM defined.
4
OEM_GPE_S04: Original Equipment Manufacturer General Purpose Event Status Bit 4 - OEM defined.
3
OEM_GPE_S03: Original Equipment Manufacturer General Purpose Event Status Bit 3 - OEM defined.
2
OEM_GPE_S02: Original Equipment Manufacturer General Purpose Event Status Bit 2 - OEM defined.
1
OEM_GPE_S01: Original Equipment Manufacturer General Purpose Event Status Bit 1 - OEM defined.
0
OEM_GPE_S00: Original Equipment Manufacturer General Purpose Event Status Bit 0 - OEM defined.
ACPI_BASE 12h-13h
GPE0_EN — General Purpose Event 0 Enable Register (R/W)
Reset Value = 0000h
15
OEM_GPE_E15: Original Equipment Manufacturer General Purpose Event Enable Bit 15 - When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
14
OEM_GPE_E14: Original Equipment Manufacturer General Purpose Event Enable Bit 14 - When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
13
OEM_GPE_E13: Original Equipment Manufacturer General Purpose Event Enable Bit 13 - When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
12
OEM_GPE_E12: Original Equipment Manufacturer General Purpose Event Enable Bit 12 - When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
11
OEM_GPE_E11: Original Equipment Manufacturer General Purpose Event Enable Bit 11 - When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
10
OEM_GPE_E10: Original Equipment Manufacturer General Purpose Event Enable Bit 10 - When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
9
OEM_GPE_E09: Original Equipment Manufacturer General Purpose Event Enable Bit 9 - When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
8
OEM_GPE_E08: Original Equipment Manufacturer General Purpose Event Enable Bit 8 - When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
7
OEM_GPE_E07: Original Equipment Manufacturer General Purpose Event Enable Bit 7 - When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
6
LID_EN: Lid Enable - Enables LID_STS to generate a SCI when set.
5
OEM_GPE_E05: Original Equipment Manufacturer General Purpose Event Enable Bit 5 - When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
4
OEM_GPE_E04: Original Equipment Manufacturer General Purpose Event Enable Bit 4 - When set, enables a SCI to be
generated when the corresponding GPE0_STS bit is set.
Table 5-34. V-ACPI Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com