Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 228 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 228 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 224Page - Advanced Micro Devices CS5530A Datasheet HTML 225Page - Advanced Micro Devices CS5530A Datasheet HTML 226Page - Advanced Micro Devices CS5530A Datasheet HTML 227Page - Advanced Micro Devices CS5530A Datasheet HTML 228Page - Advanced Micro Devices CS5530A Datasheet HTML 229Page - Advanced Micro Devices CS5530A Datasheet HTML 230Page - Advanced Micro Devices CS5530A Datasheet HTML 231Page - Advanced Micro Devices CS5530A Datasheet HTML 232Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 259 page
background image
228
AMD Geode™ CS5530A Companion Device Data Book
Register Descriptions
Revision 1.1
0x61
Soft SMI AX = 6001 emulation
0x62
Soft SMI AX = 6002 emulation
0x63
Soft SMI AX = 6003 emulation
0x64
Audio power control
Table 5-35. SETUP_IDX Values (Continued)
Index
Operation
Table 5-36. GPIO Mapping (0x10-0x17)
SETUP_
DATA
Function
xx Value
0x00
No mapping – Do not use this GPIO pin
0x08
Assign GPIOx to PWRBTN_STS bit in PM1A_STS
0x09
Assign GPIOx to SLPBTN_STS in PM1A_STS
0x10
Assign GPIOx to bit 0 in GPE0_STS register
0x11
Assign GPIOx to bit 1 in GPE0_STS register
0x12
Assign GPIOx to bit 2 in GPE0_STS register
0x13
Assign GPIOx to bit 3 in GPE0_STS register
0x14
Assign GPIOx to bit 4 in GPE0_STS register
0x15
Assign GPIOx to bit 5 in GPE0_STS register
0x16
Assign GPIOx to bit 6 in GPE0_STS register
0x17
Assign GPIOx to bit 7 in GPE0_STS register
0x18
Assign GPIOx to bit 8 in GPE0_STS register
0x19
Assign GPIOx to bit 9 in GPE0_STS register
0x1A
Assign GPIOx to bit 10 in GPE0_STS register
0x1B
Assign GPIOx to bit 11 in GPE0_STS register
0x1C
Assign GPIOx to bit 12 in GPE0_STS register
0x1D
Assign GPIOx to bit 13 in GPE0_STS register
0x1E
Assign GPIOx to bit 14 in GPE0_STS register
0x1F
Assign GPIOx to bit 15 in GPE0_STS register
y Value (y values may be ORed together to get the desired combination of features)
0x01
Falling edge
0x02
Rising edge
0x04
Power button
0x08
Reserved
Note: For GPIO mapping, a value of 0000zyxx is used where:
z = a runtime/wake indicator
y = the edge to be used
xx = a bit in either PM1A_STS or GPE0_STS
When using V-ACPI both edges of GPIO6 can be sensed. When using the CS5530A, GPIO6 provides additional hardware that
enables the chipset to generate an SMI on both the rising and falling edges of the input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com