Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 234 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 234 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 230Page - Advanced Micro Devices CS5530A Datasheet HTML 231Page - Advanced Micro Devices CS5530A Datasheet HTML 232Page - Advanced Micro Devices CS5530A Datasheet HTML 233Page - Advanced Micro Devices CS5530A Datasheet HTML 234Page - Advanced Micro Devices CS5530A Datasheet HTML 235Page - Advanced Micro Devices CS5530A Datasheet HTML 236Page - Advanced Micro Devices CS5530A Datasheet HTML 237Page - Advanced Micro Devices CS5530A Datasheet HTML 238Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 259 page
background image
234
AMD Geode™ CS5530A Companion Device Data Book
Electrical Specifications
Revision 1.1
6.2
Absolute Maximum Ratings
Table 6-2 lists absolute maximum ratings for the CS5530A.
Stresses beyond the listed ratings may cause permanent
damage to the device. Exposure to conditions beyond
these limits may (1) reduce device reliability and (2) result
in premature failure even when there is no immediately
apparent sign of failure. Prolonged exposure to conditions
at or near the absolute maximum ratings may also result in
reduced useful life and reliability These are stress ratings
only and do not imply that operation under any conditions
other than those listed under Table 6-3 is possible.
6.3
Operating Conditions
Table 6-3 lists the recommended operating conditions for
the CS5530A.
Table 6-2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Operating Case Temperature
0
110
°C
Power Applied
Storage Temperature
–65
150
°C
No Bias
Supply Voltage
4.0
V
Voltage On Any Pin
–0.5
5.5
V
Input Clamp Current, IIK
–0.5
10
mA
Power Applied
Output Clamp Current, IOK
25
mA
Power Applied
Table 6-3. Operating Conditions
Symbol
Parameter (Note 1)
Min
Max
Units
Comments
TC
Operating Case Temperature
0
85
°C
VDD
Supply Voltage
3.14
3.46
V
1.
For video interface specific parameters, refer to Table 6-17 "CRT, TFT/TV and MPEG Display Timing" on page 247.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com