Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 235 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 235 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 231Page - Advanced Micro Devices CS5530A Datasheet HTML 232Page - Advanced Micro Devices CS5530A Datasheet HTML 233Page - Advanced Micro Devices CS5530A Datasheet HTML 234Page - Advanced Micro Devices CS5530A Datasheet HTML 235Page - Advanced Micro Devices CS5530A Datasheet HTML 236Page - Advanced Micro Devices CS5530A Datasheet HTML 237Page - Advanced Micro Devices CS5530A Datasheet HTML 238Page - Advanced Micro Devices CS5530A Datasheet HTML 239Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
235
Electrical Specifications
Revision 1.1
6.4
DC Characteristics
All DC parameters and current measurements in this section were measured under the operating conditions listed in Table
6-3 on page 234, unless otherwise noted.
Table 6-4. DC Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Comments
VIL
Low Level Input VoltageNote 1
8 mA
0.8
V
VDD = 3.14V
CLK
0.8
IDE
0.8
PCI
-0.5
0.3VDD
VIH
High Level Input Voltage (Note 1)
8 mA
2.0
V
VDD = 3.14V
CLK
2.0
IDE
2.0
PCI
0.5VDD
VDD+0.5
VOL
Low Level Output Voltage (Note 1)
8 mA
0.4
V
VDD = 3.14V, IOL = 8 mA
DOTCLK
0.4
VDD = 3.14V, IOL = 20 mA
FP_CLK
0.4
VDD = 3.14V, IOL = 12 mA
IDE
0.5
VDD = 3.14V, IOL = 12 mA
PCI
0.1VDD
VDD = 3.14V, IOL = 1.5 mA
USB
0.3
RL = 1.5 KΩ to VDD, VDD = 3.46V
VOH
High Level Output Voltage (Note 1)
8 mA
2.4
V
VDD = 3.14V, IOH = -8 mA
DOTCLK
2.4
VDD = 3.14V, IOH = -20 mA
FP_CLK
2.4
VDD = 3.14V, IOH = -12 mA
IDE
2.4
VDD = 3.14V, IOH = -400 µA
PCI
0.9VDD
VDD = 3.14V, IOH = -0.5 mA
USB
2.8
VDD
VDD = 3.14V, RL = 15 KΩ to VSS
ILEAK
Input Leakage Current Including Hi-Z Output Leakage (Note 1)
8 mA, CLK, DOTCLK,
FP_CLK, IDE, PCI
+/-10
µA
VDD = VDDIO = 3.46V,
VPAD = 0 to 3.46V, Note 2
+/-200
VDD = VDDIO = 3.46V,
VPAD = 3.46 to 5.5V, Note 2
IPU
Weak Pull-Up Current (Note 1)
8 mA
-50
µA
VDDIO = 3.46V, Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com