Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 252 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 252 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 248Page - Advanced Micro Devices CS5530A Datasheet HTML 249Page - Advanced Micro Devices CS5530A Datasheet HTML 250Page - Advanced Micro Devices CS5530A Datasheet HTML 251Page - Advanced Micro Devices CS5530A Datasheet HTML 252Page - Advanced Micro Devices CS5530A Datasheet HTML 253Page - Advanced Micro Devices CS5530A Datasheet HTML 254Page - Advanced Micro Devices CS5530A Datasheet HTML 255Page - Advanced Micro Devices CS5530A Datasheet HTML 256Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 259 page
background image
252
AMD Geode™ CS5530A Companion Device Data Book
Test Mode Information
Revision 1.1
Table 7-2. NAND Tree Test Mode Pins
Signal Name
Pin No.
SUSP_3V
L24
SUSPA#
L25
PSERIAL
L26
CLK_14MHZ
P24
SMI#
P25
INTR
P26
IRQ13
R23
IDE_DATA7
U23
IDE_DATA6
U24
IDE_DATA8
V24
IDE_DATA10
V25
IDE_DATA5
W26
IDE_DATA9
Y25
IDE_DATA11
Y24
IDE_DATA4
AA26
IDE_DATA12
AA25
IDE_DATA3
AB26
IDE_DATA1
AA24
IDE_DATA13
AB25
IDE_DATA2
AB24
IDE_DATA0
AC26
IDE_DATA14
AC25
IDE_DATA15
AB23
IDE_DREQ1
AC24
IDE_DREQ0
AD26
IDE_IORDY0
AD25
IDE_IORDY1
AE26
SA14/SD14
AD24
SA15/SD15
AE25
GPIO0
AC22
GPIO1
AE24
GPIO2
AF25
GPIO3
AF24
GPIO4
AD22
GPIO5
AC21
GPIO6
AE23
GPIO7
AF23
SA13/SD13
AE22
SA10/SD10
AC20
DRQ7
AF22
SA12/SD12
AE21
SA11/SD11
AF21
SA9/SD9
AD19
DRQ6
AE20
MEMW#
AF20
MEMR#
AE19
DRQ5
AD18
SA8/SD8
AF19
DRQ0
AE18
IRQ11
AF18
IRQ14
AC17
IRQ15
AD17
SBHE#
AE17
IRQ12
AF17
IRQ10
AE16
IOCS16#
AF16
MEMCS16#
AC15
IRQ4
AE15
TC
AF15
IRQ3
AC14
IRQ8#
AE14
IRQ6
AF14
DRQ3
AD13
IRQ5
AE13
IRQ1
AF13
DRQ1
AD12
IOR#
AE12
SA17
AF12
IOW#
AC11
SA16
AD11
SA18
AE11
IOCHRDY
AF11
SA19
AD10
DRQ2
AE10
ZEROWS#
AF10
SA2/SD2
AD9
SA0/SD0
AE9
SA4/SD4
AF6
SA1/SD1
AE6
SA6/SD6
AF5
SA3/SD3
AC6
IRQ9
AE5
SA5/SD5
AD5
SA7/SD7
AF4
CLK_32K
AE3
OVER_CUR#
W3
POWER_EN
V4
USBCLK
W1
BIT_CLK
V2
SDATA_IN
U4
DDC_SDA
M4
FP_DATA12
L1
FP_DATA0
K3
FP_DATA13
K2
FP_DATA14
K1
FP_DATA2
J3
FP_DATA1
J2
FP_DATA3
J1
FP_DATA15
H2
FP_DATA16
H3
FP_DATA4
H1
FP_DATA8
G1
FP_DATA5
G2
FP_DATA7
G3
FP_DATA6
G4
FP_DATA9
F1
Signal Name
Pin No.
FP_DATA17
F3
FP_DATA10
E2
FP_DATA11
D1
FP_VSYNC
C1
FP_HSYNC
C2
ENA_DISP
B1
TVCLK
B2
PIXEL0
A1
PIXEL3
C4
PIXEL6
D5
PIXEL4
B3
PIXEL1
A2
PIXEL2
A3
PIXEL11
C5
PIXEL9
D6
PIXEL5
B4
PIXEL7
A4
HSYNC
C6
VSYNC
B5
PIXEL13
D7
PIXEL14
C7
PIXEL10
A5
PIXEL8
B6
VID_CLK
A6
PIXEL17
C8
VID_VAL
B7
PIXEL12
A7
PIXEL15
B8
PIXEL20
D9
PIXEL21
C9
PIXEL16
A8
PIXEL18
B9
PIXEL19
A9
PIXEL23
C10
VID_DATA4
D11
VID_DATA3
C11
PIXEL22
B11
VID_DATA0
A11
VID_DATA7
C12
VID_DATA6
B12
VID_DATA5
A12
VID_DATA1
C13
VID_DATA2
B13
PCLK
A13
AD1
D14
INTD#
B14
INTA#
A14
INTB#
D15
INTC#
C15
AD3
B15
AD0
A15
AD2
C16
AD5
B16
Signal Name
Pin No.
AD7
A16
AD4
C17
AD6
B17
AD9
A17
AD8
D18
C/BE0#
B18
AD12
A18
AD11
B19
AD10
A19
AD15
A20
AD14
B20
AD13
C20
PAR
A21
C/BE1#
B21
SERR#
A22
PERR#
B22
LOCK#
C22
DEVSEL#
A23
TRDY#
B23
FRAME#
C23
C/BE2#
A24
IRDY#
B24
AD17
A25
AD18
B25
AD16
A26
GNT#
D24
AD21
C25
AD19
B26
AD22
C26
AD20
E24
AD26
D25
C/BE3#
D26
AD23
E25
AD25
G24
STOP#
E26
AD24
F25
AD27
F26
AD28
G25
AD29
G26
AD31
H25
AD30
J24
HOLD_REQ#
H26
REQ#
J25
PCICLK
J26
POR#
K24
Signal Name
Pin No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com