Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 253 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 253 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 249Page - Advanced Micro Devices CS5530A Datasheet HTML 250Page - Advanced Micro Devices CS5530A Datasheet HTML 251Page - Advanced Micro Devices CS5530A Datasheet HTML 252Page - Advanced Micro Devices CS5530A Datasheet HTML 253Page - Advanced Micro Devices CS5530A Datasheet HTML 254Page - Advanced Micro Devices CS5530A Datasheet HTML 255Page - Advanced Micro Devices CS5530A Datasheet HTML 256Page - Advanced Micro Devices CS5530A Datasheet HTML 257Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
253
Test Mode Information
Revision 1.1
7.2
I/O Test
This test affects all output and bidirectional pins. To trigger
the I/O test, set the TEST and IRQ[3:7] pins according to
Table 7-3, while holding POR# low. The test begins when
POR# is brought high. Starting with the next rising edge of
PCICLK, the states listed in Table 7-4 are entered by all
digital output and I/O pins on successive PCICLK pulses:
The following pins are INCLUDED in this test:
• AD[31:0], AEN, BALE, C/BE[3:0]#, CLK_32K,
CPU_RST, DACK[7:5,3:0], DDC_SCL, DDC_SDA,
DEVSEL#, FP_CLK, FP_CLK_EVEN, FP_DATA[17:0],
FP_DISP_ENA_OUT, FP_ENA_BKL, FP_ENA_VDD,
FP_HSYNC_OUT, FP_VSYNC_OUT, FRAME#,
GPCS#, GPIO[7:0], GPORT_CS#, HOLD_REQ#,
HSYNC_OUT, IDE_ADDR[2:0], IDE_CS[1:0]#,
IDE_DACK[1:0]#, IDE_DATA[15:0], IDE_IOR[1:0]#,
IDE_IOW[1:0]#, IDE_RST#, INTR, IOCHRDY, IOR#,
IOW#, IRDY#, ISACLK, KBROMCS#, LOCK#,
MEMCS16#, MEMR#, MEMW#, PAR, PCI_RST#,
PC_BEEP, PERR#, POWER_EN, REQ#, SA/SD[15:0],
SA[19:16], SA_LATCH, SBHE#, SDATA_OUT, SERR#,
SMEMR#, SMEMW#, SMI#, STOP#, SUSP#,
SUSP_3V, SYNC, TC, TRDY#, VID_RDY, VSYNC_OUT
Note:
The SA/SD and SA bus, IOR#, IOW#, MEMR#,
MEMW# and SBHE# pins never actually float,
because they have internal weak pull-up devices
that remain active.
The following pins are EXCLUDED from this test:
• Input-only pins: BIT_CLK, CLK_14MHZ, DRQ[7:5,3:0],
ENA_DISP, FP_HSYNC, FP_VSYNC, GNT#, HSYNC,
IDE_DREQ[1:0], IDE_IORDY[1:0], INTA#, INTB#,
INTC#, INTD#, IOCS16#, IRQ1, IRQ[7:3], IRQ8#,
IRQ[15:9], OVER_CUR#, PCICLK, PCLK, PIXEL[23:0],
POR#, PSERIAL, SDATA_IN, SUSPA#, TEST, TVCLK,
USBCLK, VID_CLK, VID_DATA[7:0], VID_VAL, VSYNC,
ZEROWS#.
• USB pins: D+_PORT1, D–_PORT1, D+_PORT2,
D–_PORT2, AVDD_USB, AVSS_USB.
• Time-critical output: DCLK.
• Analog pins (including supplies): EXTVREFIN, IOUTB,
IOUTG, IOUTR, IREF, PLLAGD, PLLDGN, PLLDVD,
PLLTEST, AVDDx, AVSSx.
• Digital supply pins (VDD, VSS) and No Connects (NC).
Table 7-3. I/O Test Selection
Signal Name
Pin No.
Setting
POR#
K24
X
TEST
D3
1
IRQ3
AC14
0
IRQ4
AE15
1
IRQ5
AE13
1
IRQ6
AF14
0
IRQ7
AD14
1
Table 7-4. I/O Test Sequence
Clock #
Output Pin States
Before 1
Undefined
1
Floating
2High
3Low
4
Floating
5Low
6High
7
Floating
8 and beyond
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com