Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 257 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 257 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 251Page - Advanced Micro Devices CS5530A Datasheet HTML 252Page - Advanced Micro Devices CS5530A Datasheet HTML 253Page - Advanced Micro Devices CS5530A Datasheet HTML 254Page - Advanced Micro Devices CS5530A Datasheet HTML 255Page - Advanced Micro Devices CS5530A Datasheet HTML 256Page - Advanced Micro Devices CS5530A Datasheet HTML 257Page - Advanced Micro Devices CS5530A Datasheet HTML 258Page - Advanced Micro Devices CS5530A Datasheet HTML 259Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 257 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
257
Appendix A: Support Documentation
Revision 1.1
Appendix ASupport Documentation
A.1
Revision History
This document is a report of the revision/creation process of the architectural specification for the CS5530A companion
device. Any revisions (i.e., additions, deletions, parameter corrections, etc.) are recorded in the table(s) below.
Table A-1. Revision History
Revision #
(PDF Date)
Revisions / Comments
0.1 (4/2/00)
Completed formatting first-pass of spec. Current spec is updated version of CS5530 data book with
additional inputs from engineering. Differences between this spec’s revision and the CS5530 data
book are denoted with a change bar in the margin. Still need to proof-read for “ripple effects” made by
engineering changes for next rev.
0.2 (6/16/00)
Corrections from Issues 1.3.
0.3 (6/27/00)
Further corrections from Issues 1.3. Partly indexed.
0.4 (7/5/00)
Corrections from Issues 1.3 and 1.5. Some issues remain to be resolved. Index markers inserted
through AT chapter.
0.5 (7/19/00)
TME/Tech Pubs edits. See document revision 0.5 for revision history.
0.6 (8/7/00)
TME/Tech Pubs edits. See document revision 0.6 for revision history details.
0.7(9/18/00)
TME/Tech Pubs/Engr edits. See document revision 0.7 for revision history details.
Note:
Next revision to include section on “recommended soldering parameters” in Section 8.0
"Physical Dimensions".
1.0 (11/10/00)
TME/Tech Pubs/Engr edits. See document revision 1.0 for revision history details.
Note:
Will create separate applications note on “recommended soldering parameters” as opposed
to adding as subsection in data book.
1.1 (5/1/01)
TME/Engr edits. See Table A-2 for details.
Note:
Will not create separate applications note on “recommended soldering parameters”. Applica-
tions is fulfilling any customer inquiries with a document supplied by the Quality Group.
Table A-2. Edits to Create Revision 1.1
Section
Description
Section 3.0 "Signal Definitions"
Section 3.2.2 "Clock
Interface"
• Changed last sentence of DCLK signal description on page 29.
Did say: “However, system constraints limit DCLK to 150 MHz when DCLK is used as the
graphics subsystem clock.”
Now says: “However, when DCLK is used as the graphics subsystem clock, the Geode
processor determines the maximum DCLK frequency.”
Section 3.2.11 "Dis-
play Interface"
• Changed resistor value in IREF signal description (from 732 ohm to 680 ohm) on page 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com