Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 258 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 258 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 251Page - Advanced Micro Devices CS5530A Datasheet HTML 252Page - Advanced Micro Devices CS5530A Datasheet HTML 253Page - Advanced Micro Devices CS5530A Datasheet HTML 254Page - Advanced Micro Devices CS5530A Datasheet HTML 255Page - Advanced Micro Devices CS5530A Datasheet HTML 256Page - Advanced Micro Devices CS5530A Datasheet HTML 257Page - Advanced Micro Devices CS5530A Datasheet HTML 258Page - Advanced Micro Devices CS5530A Datasheet HTML 259Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 258 / 259 page
background image
258
AMD Geode™ CS5530A Companion Device Data Book
Appendix A: Support Documentation
Revision 1.1
Section 4.8 "Display Subsystem Extensions"
Section 4.8.3 "Video
Overlay"
• Added sentence to last paragraph on page 137:
— “However, system maximum resolution is not determined by the CS5530A since it is not
the source of the graphics data and timings.”
• Section 4.8.5.3 "Flat Panel Support" on page 139
— Added subsection titled “Flat Panel Power-Up/Down Sequence“.
Section 6.0 "Electrical Specifications"
Section 6.5 "AC Char-
acteristics"
• Table 6-8 "AC Characteristics" on page 239:
— Removed 8 mA, DOTCLK, and FP_CLK tLH and tHL parameters.
• Table 6-10 "DCLK PLL Specifications" on page 243:
— Removed Jitter, Sigma One parameter from table (completely).
• Table 6-11 "CPU Interface Timing" on page 243:
— Changed tSMI max value from 9 ns to 16 ns.
— Changed tSUSPAHold min value from 1 ns to 3 ns.
• Table 6-15 "CRT Display Analog (DAC) Characteristics" on page 246:
— Added VOM max value of 0.735V.
— Added VOC max value of 20 mA.
— Added tFS max value of 2.5 ns.
—Removed COUT parameter from table (completely).
— Changed tRISE max value from 3 to 3.8 ns.
— Added tFALL max value of 3.8 ns.
— Changed RSET value in Note 2 from 732 ohms to 680 ohms.
• Table 6-17 "CRT, TFT/TV and MPEG Display Timing" on page 247:
— Changed tDisplaySetup min value from 2.5 ns to 2.2 ns.
— Changed tVID_VALSetup min value from 3.75 ns to 3.0 ns.
— Changed tVID_VALHold min value from 0 ns to 0.8 ns.
— Changed tVID_DATASetup min value from 3.75 ns to 3.0 ns.
— Changed tVID_DATAHold min value from 0 ns to 0.8 ns.
— Changed tVID_CLKMin parameter description from “VID_CLK Minimum Pulse Width” to
“VID_CLK Minimum Clock Period”.
— Changed FPOUTMinDelay, FPOUTMaxDelay min value from 0.1 ns to 0.5 and max value
from 5.2 ns to 4.5 ns.
Table A-2. Edits to Create Revision 1.1 (Continued)
Section
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com