Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 120 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 120 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 116Page - Advanced Micro Devices CS5530A Datasheet HTML 117Page - Advanced Micro Devices CS5530A Datasheet HTML 118Page - Advanced Micro Devices CS5530A Datasheet HTML 119Page - Advanced Micro Devices CS5530A Datasheet HTML 120Page - Advanced Micro Devices CS5530A Datasheet HTML 121Page - Advanced Micro Devices CS5530A Datasheet HTML 122Page - Advanced Micro Devices CS5530A Datasheet HTML 123Page - Advanced Micro Devices CS5530A Datasheet HTML 124Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 259 page
background image
120
AMD Geode™ CS5530A Companion Device Data Book
XpressAUDIO™ Subsystem
Revision 1.1
Table 4-63 on page 119 explains the generic format for the
six audio bus masters. Table 4-64 gives the register loca-
tions, reset values and specific programming information of
bit 3, Read or Write Control, in the Command Register for
the Audio Bus Masters.
Table 4-64. Audio Bus Master Configuration Register Summary
Bit
Description
Audio Bus Master 0: Output to Codec; 32-Bit; Left and Right Channels; Slots 3 and 4.
F3BAR+Memory Offset 20h
Command Register (R/W)
Reset Value = 00h
F3BAR+Memory Offset 21h
SMI Status Register (RC)
Reset Value = 00h
F3BAR+Memory Offset 22h-23h
Reserved
Reset Value = xxh
F3BAR+Memory Offset 24h-27h
PRD Table Address (R/W)
Reset Value = 00000000h
Refer to Table 4-63 on page 119 for bit descriptions.
Note: Bit 3 of the Command Register must be set to 0 (memory read) for correct operation.
Audio Bus Master 1: Input from Codec; 32-Bit; Left and Right Channels; Slots 3 and 4.
F3BAR+Memory Offset 28h
Command Register (R/W)
Reset Value = 00h
F3BAR+Memory Offset 29h
SMI Status Register (RC)
Reset Value = 00h
F3BAR+Memory Offset 2Ah-2Bh
Reserved
Reset Value = xxh
F3BAR+Memory Offset 2Ch-2Fh
PRD Table Address (R/W)
Reset Value = 00000000h
Refer to Table 4-63 on page 119 for bit descriptions.
Note: Bit 3 of the Command Register must be set to 1 (memory write) for correct operation.
Audio Bus Master 2: Output to Codec; 16-Bit; Slot 5.
F3BAR+Memory Offset 30h
Command Register (R/W)
Reset Value = 00h
F3BAR+Memory Offset 31h
SMI Status Register (RC)
Reset Value = 00h
F3BAR+Memory Offset 32h-33h
Reserved
Reset Value = xxh
F3BAR+Memory Offset 34h-37h
PRD Table Address (R/W)
Reset Value = 00000000h
Refer to Table 4-63 on page 119 for bit descriptions.
Note: Bit 3 of the Command Register must be set to 0 (memory read) for correct operation.
Audio Bus Master 3: Input from Codec; 16-Bit; Slot 5.
F3BAR+Memory Offset 38h
Command Register (R/W)
Reset Value = 00h
F3BAR+Memory Offset 39h
SMI Status Register (RC)
Reset Value = 00h
F3BAR+Memory Offset 3Ah-3Bh
Reserved
Reset Value = xxh
F3BAR+Memory Offset 3Ch-3Fh
PRD Table Address (R/W)
Reset Value = 00000000h
Refer to Table 4-63 for bit descriptions.
Note: Bit 3 of the Command Register must be set to 1 (memory write) for correct operation.
Audio Bus Master 4: Output to Codec; 16-Bit; Slot 6 or 11 (F3BAR+Memory Offset 08h[19] selects slot).
F3BAR+Memory Offset 40h
Command Register (R/W)
Reset Value = 00h
F3BAR+Memory Offset 41h
SMI Status Register (RC)
Reset Value = 00h
F3BAR+Memory Offset 42h-43h
Reserved
Reset Value = xxh
F3BAR+Memory Offset 44h-47h
PRD Table Address (R/W)
Reset Value = 00000000h
Refer to Table 4-63 on page 119 for bit descriptions.
Note: Bit 3 of the Command Register must be set to 0 (memory read) for correct operation.
Audio Bus Master 5: Input from Codec; 16-Bit; Slot 6 or 11 (F3BAR+Memory Offset 08h[20] selects slot).
F3BAR+Memory Offset 48h
Command Register (R/W)
Reset Value = 00h
F3BAR+Memory Offset 49h
SMI Status Register (RC)
Reset Value = 00h
F3BAR+Memory Offset 4Ah-4Bh
Reserved
Reset Value = xxh
F3BAR+Memory Offset 4Ch-4Fh
PRD Table Address (R/W)
Reset Value = 00000000h
Refer to Table 4-63 on page 119 for bit descriptions.
Note: Bit 3 of the Command Register must be set to 1 (memory write) for correct operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com