Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 130 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 130 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 126Page - Advanced Micro Devices CS5530A Datasheet HTML 127Page - Advanced Micro Devices CS5530A Datasheet HTML 128Page - Advanced Micro Devices CS5530A Datasheet HTML 129Page - Advanced Micro Devices CS5530A Datasheet HTML 130Page - Advanced Micro Devices CS5530A Datasheet HTML 131Page - Advanced Micro Devices CS5530A Datasheet HTML 132Page - Advanced Micro Devices CS5530A Datasheet HTML 133Page - Advanced Micro Devices CS5530A Datasheet HTML 134Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 259 page
background image
130
AMD Geode™ CS5530A Companion Device Data Book
XpressAUDIO™ Subsystem
Revision 1.1
Table 4-69. Sound Card I/O Trap and Fast Path Enable Registers
Bit
Description
F3BAR+Memory Offset 18h-19h
I/O Trap SMI Enable Register (R/W)
Reset Value = 0000h
15:12
Reserved: Set to 0.
11
Fast Path Write Enable: Fast Path Write (an SMI is not generated on certain writes to specified addresses).
0 = Disable; 1 = Enable.
In Fast Path Write, the CS5530A responds to writes to the following addresses: 388h, 38Ah and 38Bh; 2x0h, 2x2h, and
2x8h.
10:9
Fast Read: These two bits hold part of the response that the CS5530A returns for reads to several I/O locations.
8
High DMA I/O Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs at I/O Port C0h-DFh, an SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[1].
Second level SMI status is reported at F3BAR+Memory Offset 10h/12h[0].
Third level SMI status is reported at F3BAR+Memory Offset 14h[12].
7
Low DMA I/O Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs at I/O Port 00h-0Fh, an SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[1].
Second level SMI status is reported at F3BAR+Memory Offset 10h/12h[0].
Third level SMI status is reported at F3BAR+Memory Offset 14h[12].
6
High MPU I/O Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs at I/O Port 330h and 331h, an SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[1].
Second level SMI status is reported at F3BAR+Memory Offset 10h/12h[0].
Third level SMI status is reported at F3BAR+Memory Offset 14h[11].
5
Low MPU I/O Trap: I0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs at I/O Port 300h and 301h, an SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[1].
Second level SMI status is reported at F3BAR+Memory Offset 10h/12h[0].
Third level SMI status is reported at F3BAR+Memory Offset 14h[11].
4
Fast Path Read Enable/SMI Disable: Read Fast Path (an SMI is not generated on reads from specified addresses).
0 = Disable; 1 = Enable.
In Fast Path Read the CS5530A responds to reads of the following addresses: 388h-38Bh; 2x0h, 2x1h, 2x2h, 2x3h, 2x8h
and 2x9h.
Note that if neither sound card nor FM I/O mapping is enabled, then status read trapping is not possible.
3
FM I/O Trap: 0 = Disable; 1 = Enable.
If this bit is enabled and an access occurs at I/O Port 388h to 38Bh, an SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[1].
Second level SMI status is reported at F3BAR+Memory Offset 10h/12h[0].
2
Sound Card I/O Trap: 0 = Disable; 1 = Enable
If this bit is enabled and an access occurs in the address ranges selected by bits [1:0], an SMI is generated.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[1].
Second level SMI status is reported at F3BAR+Memory Offset 10h/12h[0].
Third level SMI status is reported at F3BAR+Memory Offset 14h[10].
1:0
Sound Card Address Range Select: These bits select the address range for the sound card I/O trap.
00 = I/O Port 220h-22Fh
10 = I/O Port 260h-26Fh
01 = I/O Port 240h-24Fh
11 = I/O Port 280h-28Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com