Electronic Components Datasheet Search
  English  ▼

X  

DP83952 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 13Page - National Semiconductor (TI) DP83952 Datasheet HTML 14Page - National Semiconductor (TI) DP83952 Datasheet HTML 15Page - National Semiconductor (TI) DP83952 Datasheet HTML 16Page - National Semiconductor (TI) DP83952 Datasheet HTML 17Page - National Semiconductor (TI) DP83952 Datasheet HTML 18Page - National Semiconductor (TI) DP83952 Datasheet HTML 19Page - National Semiconductor (TI) DP83952 Datasheet HTML 20Page - National Semiconductor (TI) DP83952 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 90 page
background image
50 Functional Description
The IEEE 8023 repeater specification details a number of
functions a repeater system must perform These require-
ments allied with a need for the implementation to be multi-
port strongly favors the choice of a modular design style In
such a design functionality is split between those tasks
common to all data channels and those exclusive to each
individual channel The RIC II follows this approach certain
functional blocks are replicated for each network attach-
ment (also known as a repeater port) and others are
shared
The following sections provide an overview of the RIC II
architecture First RIC II feature enhancements from the
RIC is discussed Then the RIC II functional blocks are de-
scribed
51 SUMMARY OF DP83952 RIC II FEATURE
ENHANCEMENTS FROM DP83950B RIC
1 Pin Compatibility The DP83952VUL RIC II is fully pin
compatible with the DP83950BVQB RIC device in the
160-pin Plastic Quad Flat Pack (PQFP) package
2 Addition of network security The DP83952 RIC II fea-
tures significant per port security capability As a single
chip repeater RIC II provides security using 58 internal
CAM (Content Addressable Memory) locations for all 13
ports
Unauthorized nodes can be restricted from intruding and
or eavesdropping into the network by preventing them
from having access to valid packet data The RIC II uti-
lizes internal CAMs to storecompare addresses of valid
nodes Complete security operation of RIC II is explained
later in this datasheet
3 Two dedicated CAM locations per port and 32 shareable
CAM entries are provided to store Ethernet addresses
Both the port and the shareable CAM locations (48 bits
wide) are on-chip
4 Faster processor access for efficient data gathering
5 Addition of thirteen 8-bit wide counters for collecting
more statistics
52 OVERVIEW OF RIC II FUNCTIONS
SEGMENT SPECIFIC BLOCK NETWORK PORT
As shown in the Block Diagram the segment specific blocks
consist of
1 One or more physical layer interfaces
2 A logic block required for performing repeater operations
upon that particular segment This is known as the ‘‘port’’
logic since it is the access ‘‘port’’ the segment has to the
rest of the network
This function is repeated 13 times in the RIC II (one for each
port) and is shown on the right side of the Block Diagram
Figure 4-1
The physical layer interface depends upon the port Port 1
has an AUI compliant interface for use with AUI compatible
transceiver boxes and cable Ports 2 to 13 may be config-
ured for use with one of two interfaces twisted pair or an
external transceiver The former utilizes the RIC II’s on-chip
10BASE-T transceivers the latter allows connection to ex-
ternal transceivers When using the external transceiver
mode the interface is AUI compatible Although AUI com-
patible transceivers are supported when an interface cable
is used external transceivers should always be used for the
repeater system
Inside the port logic there are 4 distinct functions
1 The port state machine ‘‘PSM’’ is required to perform
data and collision repetition as described by the repeater
specification for example it determines whether this port
should be receiving from or transmitting to its network
segment
2 The port partition logic implements the segment partition-
ing algorithm This algorithm is defined by the IEEE speci-
fication and is used to protect the network from malfunc-
tioning segments
3 The port status register reflects the current status of the
port It may be accessed by a system processor to obtain
this status or to perform certain port configuration opera-
tions such as port disable
4 The Port Security Configuration Logic determines if the
packet data will be transmittedreceived intact or as
pseudo random data Two dedicated CAM locations per
port are available for learningstoringcomparing port
source addresses
SHARED FUNCTIONAL BLOCKS REPEATER CORE
LOGIC
The shared functional blocks consists of the Repeater Main
State Machine (MSM) Timers a 32-bit Elasticity Buffer PLL
Decoder Receive and Transmit Multiplexors and Security
Logic with 32 shareable CAM locations These blocks per-
form the majority of the operations needed to fulfill the re-
quirements of the IEEE repeater specification
When a packet is received by a port it is sent via the Re-
ceive Multiplexor to the PLL Decoder Notification of the
data and collision status is sent to the main state machine
via the receive multiplexor and collision activity status sig-
nals This enables the main state machine to determine the
source of the data to be repeated and the type of data to be
transmitted either data or jam pattern
When a collision occurs in accordance with IEEE repeater
specifications the transmit data will be a preamblejam pat-
tern consisting of a 1010
bit pattern Whenever a colli-
sion occurs (during the preamble the address field the
‘‘type field’’ or the data field) the RIC II switches to the jam
pattern immediately
When RIC II is configured in the ‘‘non-secure’’ mode the
valid received data field is transmitted to all other ports (ex-
cluding the port with the received packet)
When RIC II is configured in the ‘‘secure’’ mode the source
and destination addresses within each packet are first
checked Based on this comparison and the port configura-
tion either
1 a pseudo random bit pattern during the data field (of the
packet) is transmitted to the particular port Or
2 the received data is transmitted intact
The data remains intact on the Inter-RIC bus so other cas-
caded repeaters could compare the destination address
with their local CAMs On a valid source address mismatch
RIC II shall switch to random pattern both on the local trans-
mitting ports and the Inter-RIC bus
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com