Electronic Components Datasheet Search
  English  ▼

X  

DP83952 Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 82Page - National Semiconductor (TI) DP83952 Datasheet HTML 83Page - National Semiconductor (TI) DP83952 Datasheet HTML 84Page - National Semiconductor (TI) DP83952 Datasheet HTML 85Page - National Semiconductor (TI) DP83952 Datasheet HTML 86Page - National Semiconductor (TI) DP83952 Datasheet HTML 87Page - National Semiconductor (TI) DP83952 Datasheet HTML 88Page - National Semiconductor (TI) DP83952 Datasheet HTML 89Page - National Semiconductor (TI) DP83952 Datasheet HTML 90Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 89 / 90 page
background image
110 AC Timing Test Conditions
All specifications are valid only if the mandatory isolation is employed and all differential signals are taken to be at the AUI
side of the pulse transformer
Input Pulse Levels (TTLCMOS)
GND to 30V
Input Rise and Fall Times (TTLCMOS)
5 ns
Input and Output Reference Levels (TTLCMOS) 15V
Input Pulse Levels (Diff)
20 VP-P
Input and Output Reference Levels (Diff)
50% Point of the Differential
TRI-STATE Reference Levels
Float (DV) g05V
Output Load (See
Figure Below)
TLF12499 – 42
Note 1
100 pF includes scope and jig capacitance
Note 2
S1 e Open for timing tests for push pull outputs
S1 e VCC for VOL test
S1 e GND for VOH test
S1 e VCC for High Impedance to active low and active low to High Impedance measurements
S1 e GND for High Impedance to active high and active high to High Impedance measurements
Capacitance TA e 25 C f e 1 MHz
Symbol
Parameter
Typ
Units
CIN
Input Capacitance
7
pF
COUT
Output Capacitance
7
pF
DERATING FACTOR
Output timings are measured with a purely capacitive load
for 50 pF The following correction factor can be used for
other loads CL t 50 pF a 03 nspF
TLF12499 – 43
Note
In the above diagram the TXa and TXb signals are taken from the
AUI side of the isolation (pulse transformer) The pulse transformer used for
all testing is the Pulse Engineering PE64103
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com