Electronic Components Datasheet Search
  English  ▼

X  

DP83952 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 10Page - National Semiconductor (TI) DP83952 Datasheet HTML 11Page - National Semiconductor (TI) DP83952 Datasheet HTML 12Page - National Semiconductor (TI) DP83952 Datasheet HTML 13Page - National Semiconductor (TI) DP83952 Datasheet HTML 14Page - National Semiconductor (TI) DP83952 Datasheet HTML 15Page - National Semiconductor (TI) DP83952 Datasheet HTML 16Page - National Semiconductor (TI) DP83952 Datasheet HTML 17Page - National Semiconductor (TI) DP83952 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 90 page
background image
30 Pin Description (Continued)
Pin Name
Driver
IO
Description
Type
MANAGEMENT BUS PINS
MRXC
TT
O Z
M
ANAGEMENT RECEIVE CLOCK When asserted this signal provides a clock signal for the
MRXD serial data stream The MRXD signal is changed on the falling edge of this clock The
signal is asserted when a RIC II is receiving data from one of its network segments Otherwise
the signal is inactive
MCRS
TT
B Z
M
ANAGEMENT CARRIER SENSE When asserted this signal provides an activity framing
enable for the serial data stream The signal is asserted when a RIC II is receiving data from one
of its network segments Otherwise the signal is an input
MRXD
TT
O Z
M
ANAGEMENT RECEIVE DATA When asserted this signal provides a serial data stream in
NRZ format The data stream is made up of the data packet and RIC II status information The
signal is asserted when a RIC II is receiving data from one of its network segments Otherwise
the signal is inactive
MEN
C
O
M
ANAGEMENT BUS OUTPUT ENABLE This output acts as an active high enable for an
external bus transceiver (if required) for the MRXC MCRS and MRXD signals When high the
bus transceiver should be transmitting on to the bus
PCOMP
TT
I
P
ACKET COMPRESS This input is used to activate the RIC II’s packet compress logic A low
level on this signal when MCRS is active will cause that packet to be compressed If PCOMP is
tied low all packets are compressed if PCOMP is tied high packet compression is inhibited
POWER AND GROUND PINS
VCC
Positive Supply
GND
Negative Supply
EXTERNAL DECODER PINS
RXM
TT
O
R
ECEIVE DATA MANCHESTER FORMAT This output makes the data in Manchester format
received by port N available for test purposes If not used for testing this pin should be left open
TT e TT
L compatible B e Bi-directional C e CMOS compatible OD e Open Drain I e Input O e Output
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com