Electronic Components Datasheet Search
  English  ▼

X  

DP83952 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 24Page - National Semiconductor (TI) DP83952 Datasheet HTML 25Page - National Semiconductor (TI) DP83952 Datasheet HTML 26Page - National Semiconductor (TI) DP83952 Datasheet HTML 27Page - National Semiconductor (TI) DP83952 Datasheet HTML 28Page - National Semiconductor (TI) DP83952 Datasheet HTML 29Page - National Semiconductor (TI) DP83952 Datasheet HTML 30Page - National Semiconductor (TI) DP83952 Datasheet HTML 31Page - National Semiconductor (TI) DP83952 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
50 Functional Description (Continued)
Eventually the collision on port B1 ends and the ANYXN
extension by the MSMs expires There is only one collision
on the network (this may be deduced since ANYXN is inac-
tive) so the repeater will move to the
ONE PORT LEFT
state The RIC II system treats this state in a similar manner
to a receive collision with
PORT M fulfilling the role of the
receiving port The difference from a true receive collision is
that the switch from packet data to the jam pattern has
already been made (controlled by ANYXN) Thus the state
of COLN has no effect upon repeater operations In com-
mon with the operation of the
RECEIVE COLLISION state
the repeater remains in this condition until the collision and
receive activity on
PORT M subside The packet repetition
operation completes when the
Tw1 recovery time in the
WAIT state has been performed
Note
In transmit collision conditions COLN will only go active if the RIC II
which contained
PORT N at the start of packet repetition contains
PORT M during the TRANSMIT COLLISION and ONE PORT LEFT
states
JABBER PROTECTION
A repeater is required to disable transmit activity if the
length of its current transmission reaches the jabber protect
limit This is defined by the specification’s
Tw3 time The
repeater disables output for a time period defined by the
Tw4 specification after this period normal operation may
resume
Figure 5-7 shows the effect of a jabber length packet upon a
RIC II based repeater system The JABBER PROTECT
state is entered from the
SEND DATA state While the Tw4
period is observed the Inter-RIC bus displays the IDLE
state This is misleading since new packet activity or contin-
uous activity (as shown in the diagram) does not result in
packet repetition This may only occur when the
Tw4 re-
quirement has been satisfied
TLF12499 – 13
Note The Inter-RIC bus is configured to use active low signals
FIGURE 5-6 Transmit Collision
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com