Electronic Components Datasheet Search
  English  ▼

X  

DP83952 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 55Page - National Semiconductor (TI) DP83952 Datasheet HTML 56Page - National Semiconductor (TI) DP83952 Datasheet HTML 57Page - National Semiconductor (TI) DP83952 Datasheet HTML 58Page - National Semiconductor (TI) DP83952 Datasheet HTML 59Page - National Semiconductor (TI) DP83952 Datasheet HTML 60Page - National Semiconductor (TI) DP83952 Datasheet HTML 61Page - National Semiconductor (TI) DP83952 Datasheet HTML 62Page - National Semiconductor (TI) DP83952 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 90 page
background image
80 RIC II Registers (Continued)
RIC II STATUS AND CONFIGURATION REGISTER (ADDRESS 00H)
The lower portion of this register contains real time information concerning the operation of the RIC II The upper three bits
represent the chosen configuration of the transceiver interface employed
D7
D6
D5
D4
D3
D2
D1
D0
BINV
BYPAS2
BYPAS1
APART
JAB
AREC
ACOL
resv
Bit
RW
Symbol
Description
D0
R
resv
RESERVED FOR FUTURE USE
Reads as a logic 1
D1
R
ACOL
ANY COLLISIONS
0 A collision is occurring at one or more of the RIC II’s ports
1 No collisions
D2
R
AREC
ANY RECEIVE
0 One of the RIC II’s ports is the current packet or collision receiver
1 No packet or collision reception within this RIC II
D3
R
JAB
JABBER PROTECT
0 The RIC II has been forced into jabber protect state by one of its ports or by another port on the
Inter-RIC bus (Multi-RIC II operations)
1 No jabber protect conditions exist
D4
R
APART
ANY PARTITION
0 One or more ports are partitioned
1 No ports are partitioned
D6
D5
R
R
BYPAS2
BYPAS1
These bits define the configuration of ports 2 to 13 ie their use if the internal 10BASE-T
transceivers or the external (AUI-like) transceiver interface
D7
R
BINV
BUS INVERT
This register bit informs whether the Inter-RIC signals IRE ACTN ANYXN COLN and
Management bus signal MCRS are
0 Active high
1 Active low
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com